Electronic Components Datasheet Search
  English  ▼

X  

APA2172 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2172
Description  Stereo, Differential Input Cap-Free Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2172 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2172 Datasheet HTML 1Page - Anpec Electronics Coropration APA2172 Datasheet HTML 2Page - Anpec Electronics Coropration APA2172 Datasheet HTML 3Page - Anpec Electronics Coropration APA2172 Datasheet HTML 4Page - Anpec Electronics Coropration APA2172 Datasheet HTML 5Page - Anpec Electronics Coropration APA2172 Datasheet HTML 6Page - Anpec Electronics Coropration APA2172 Datasheet HTML 7Page - Anpec Electronics Coropration APA2172 Datasheet HTML 8Page - Anpec Electronics Coropration APA2172 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2013
www.anpec.com.tw
2
APA2172
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
RINP 1
VSS 6
CPN 7
8 CPP
9 VDD
ROUT 3
GND 4
SDN 5
10 PGND
11 UVP
12 LOUT
13 LINN
14 LINP
RINN 2
APA2172
TSSOP-14
(Top View)
RINP 1
VSS 6
CPN 7
8 CPP
9 VDD
ROUT 3
GND 4
SDN 5
10 PGND
11 UVP
12 LOUT
13 LINN
14 LINP
RINN 2
APA2172
SOP-14
(Top View)
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD to GND and PGND)
-0.3 to 6.0
VSDN
Input Voltage (SDN to GND)
VGND-0.3 to VDD+0.3
VSS
VSS to GND and PGND Voltage
-6.0 to 0.3
VOUT
ROUT and LOUT to GND Voltage
VSS-0.3 to VDD+0.3
VCPP
CPP to PGND Voltage
VPGND-0.3 to VDD+0.3
VCPN
CPN to PGND Voltage
VSS-0.3 to VPGND+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
TSDR
Maximum Soldering Temperature Range, 10 Seconds
260
oC
PD
Power Dissipation
Internally Limited
W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
APA2172
Package Code
O : TSSOP-14
K : SOP-14
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APA2172 O :
APA2172
XXXXX
XXXXX - Date Code
XXXXX - Date Code
APA2172 K :
APA2172
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com