Electronic Components Datasheet Search
  English  ▼

X  

APA2172 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2172
Description  Stereo, Differential Input Cap-Free Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2172 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2172 Datasheet HTML 2Page - Anpec Electronics Coropration APA2172 Datasheet HTML 3Page - Anpec Electronics Coropration APA2172 Datasheet HTML 4Page - Anpec Electronics Coropration APA2172 Datasheet HTML 5Page - Anpec Electronics Coropration APA2172 Datasheet HTML 6Page - Anpec Electronics Coropration APA2172 Datasheet HTML 7Page - Anpec Electronics Coropration APA2172 Datasheet HTML 8Page - Anpec Electronics Coropration APA2172 Datasheet HTML 9Page - Anpec Electronics Coropration APA2172 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2013
www.anpec.com.tw
6
APA2172
Typical Operating Characteristics
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.002
0.01
0.1
1
Po=30mW
Po=15mW
In phase
VDD=5V
RL=32
Ω
Cin=2.2
µ
Av=2V/V
Po=3mW
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
1
0.1
Vo=1.8Vrms
In phase
VDD=3.3V
RL=600
Ω
Cin=2.2
µ
Av=2V/V
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
1
0.1
Vo=1.8Vrms
In phase
VDD=3.3V
RL=10k
Ω
Cin=2.2
µ
Av=2V/V
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
1
0.1
Vo=1.8Vrms
In phase
VDD=3.3V
RL=100k
Ω
Cin=2.2
µ
Av=2V/V
Frequency Response
Frequency (Hz)
10
200k
100
1k
10k
-2
+2
-350
-300
-250
-200
+0
+4
+6
+8
+10
-150
-100
+0
-50
Gain
Phase
VDD=3.3V
RL=600
Ω
Cin=2.2
µ
Vo=2Vrms
Av=2V/V
Frequency Response
Frequency (Hz)
10
200k
100
1k
10k
-2
+2
-350
-300
-250
-200
+0
+4
+6
+8
+10
-150
-100
+0
-50
Gain
Phase
VDD=3.3V
RL=10k
Ω
Cin=2.2
µ
Vo=2Vrms
Av=2V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com