Electronic Components Datasheet Search
  English  ▼

X  

APA2174 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2174 Datasheet HTML 1Page - Anpec Electronics Coropration APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
3
APA2174
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPVDD_VDD
PVDD to VDD Voltage
-0.3 to 0.3
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD and PVDD to GND and PGND)
-0.3 to 5.5
V
Vcontrol
Input Voltage (RSD and LSD to GND)
GND-0.3 to VDD+0.3
VSS
VSS and CVSS to GND and PGND Voltage
-5.5 to 0.3
VOUT
ROUT and LOUT to GND Voltage
VSS-0.3 to VDD+0.3
VCPP
CPP to PGND Voltage
PGND-0.3 to VDD+0.3
VCPN
CPN to PGND Voltage
VSS-0.3 to PGND+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
TSDR
Maximum Soldering Temperature Range, 10 Seconds
260
οC
PD
Power Dissipation
Internally Limited
W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Range
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
2.3
4.5
VIH
High Level Threshold Voltage
RSD, LSD
1
-
VIL
Low Level Threshold Voltage
RSD, LSD
-
0.35
V
Ri
Input Resistance
1
47
Rf
Feedback Resistance
4.7
100
k
Ω
RL
Load Resistance
500
-
Ω
CL
Maximum Capacitive Load
-
400
pF
TA
Operating Ambient Temperature Range
-40
85
TJ
Operating Junction Temperature Range
-40
125
οC
Recommended Operating Conditions
Thermal Characteristics
Symbol
Parame ter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient (Note 2)
TQFN4x4-20B
TSSOP-16
SOP-14
45
100
110
oC/W
θ
JC
Thermal Resistance - Junction to Case (Note 3)
TQFN4x4-20B
8
oC/W
Note 2: Please refer to “ Layout Recommendation”, the Thermal Pad on the bottom of the IC should soldered directly to the PCB’s
Thermal Pad area that with several thermal vias connect to the ground plan, and the PCB is a 2-layer, 5-inch square area with 2oz
copper thickness.
Note 3: The case temperature is measured at the center of the Thermal Pad on the underside of the TQFN4x4-20B package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com