Electronic Components Datasheet Search
  English  ▼

X  

APA2174 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2174 Datasheet HTML 1Page - Anpec Electronics Coropration APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
4
APA2174
APA2174
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Supply Current
-
5
10
mA
ISD
Shutdown Current
VRSD=VLSD=0V
-
1
5
µA
Ii
Input current
RSD, LSD
-
0.1
-
µA
CHARGE PUMP
fOSC
Switching Frequency
400
500
600
kHz
Req
Equivalent Resistance
-
21
25
Ω
DRIVERS
AVO
Open Loop Voltage Gain
80
100
-
dB
GBW
Unity Gain Bandwidth
8
10
-
MHz
RO
Output Resistance
IO=10mA
-
-
100
Ω
VSR
Slew Rate
-
2.5
-
V/
µs
VOS
Output Offset Voltage
VDD=2.3V to 4.5V, RL = 600
Ω
-8
-
8
mV
Vn
Noise Output Voltage
-
10
20
µVrms
VDD=2.3V to 4.5V, Vrr=200mVrms
fin= 217Hz
-90
-70
fin= 1kHz
-90
-70
PSRR
Power Supply Rejection Ratio
fin= 20kHz
-
-65
-60
dB
Tstart-up
Start-up Time
-
500
-
µs
VESD
ESD Protection
OUTR, OUTL
-
8
-
kV
THD+N=1%, fin=1kHz
RL=600
Ω
2
2.1
-
RL=100k
Ω
2.3
VDD=4.5V, THD+N=1%, fin=1kHz
RL=600
Ω
-
2.9
-
VO
Output Voltage
(Stereo, in Phase)
RL=100k
Ω
3.2
Vrms
THD+N
Total Harmonic Distortion
Plus Noise
VO=2Vrms, RL=600
Ω
fin=20Hz
fin=1kHz
fin=20kHz
-
0.020
0.002
0.020
-
%
Crosstalk
Channel Separation
VO=2Vrms, RL=600
Ω
fin=20Hz
fin=1kHz
fin=20kHz
-
100
90
70
-
S/N
Signal to Noise Ratio
VO=2Vrms, RL=600
Ω
With A-weighting Filter
-
105
-
dB
Electrical Characteristics
V
DD=3.3V, VGND=VPGND=0V, VRSD=VLSD=VDD, CCPF=CCPO=2.2µF, Ci=1µF, Ri=Rf=10kΩ, TA=25
oC (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com