Electronic Components Datasheet Search
  English  ▼

X  

APA2176 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA2176
Description  270mW Stereo Cap-Free Headphone Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2176 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA2176 Datasheet HTML 10Page - Anpec Electronics Coropration APA2176 Datasheet HTML 11Page - Anpec Electronics Coropration APA2176 Datasheet HTML 12Page - Anpec Electronics Coropration APA2176 Datasheet HTML 13Page - Anpec Electronics Coropration APA2176 Datasheet HTML 14Page - Anpec Electronics Coropration APA2176 Datasheet HTML 15Page - Anpec Electronics Coropration APA2176 Datasheet HTML 16Page - Anpec Electronics Coropration APA2176 Datasheet HTML 17Page - Anpec Electronics Coropration APA2176 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2013
www.anpec.com.tw
14
APA2176/2176A
Output Power vs. Load Resistance
Output Power vs. Load Resistance
Output Power vs. Load Resistance
Output Power vs. Load Resistance
Typical Operating Characteristics (Cont.)
Charge Pump Output Resistance
vs. Supply Voltage
GSM Power Supply Rejection vs.Frequency
Load Resistance (
Ω)
0
50
100
150
200
250
300
10
100
1000
V
DD=3.3V
PV
DD=5.0V
f
in=1kHz
C
in=1µF
BW<80kHz
Stereo, in Phase
THD+N=10%
THD+N=1%
0
25
50
75
100
125
150
10
100
1000
Load Resistance (
Ω)
V
DD=2.8V
PV
DD=3.6V
f
in=1kHz
C
in=1µF
BW<80kHz
Stereo, in Phase
THD+N=10%
THD+N=1%
0
20
40
60
80
100
10
100
1000
Load Resistance (
Ω)
V
DD=1.8V
PV
DD=3.0V
f
in=1kHz
C
in=1µF
BW<80kHz
Stereo, in Phase
THD+N=10%
THD+N=1%
0
10
20
30
40
50
60
10
100
1000
Load Resistance (
Ω)
V
DD=1.8V
PV
DD=2.4V
f
in=1kHz
C
in=1µF
BW<80kHz
Stereo, in Phase
THD+N=10%
THD+N=1%
4
5
6
7
8
9
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Charge Pump Supply Voltage (Volt)
I
PVDD=10mA
No Load
C
F=CCO=2.2µF
C
F=CCO=1µF
Frequency (Hz)
-150
+0
-100
-50
0
2k
400
800
1.2k
1.6k
-150
+0
-100
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com