Electronic Components Datasheet Search
  English  ▼

X  

APA2176 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2176
Description  270mW Stereo Cap-Free Headphone Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2176 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2176 Datasheet HTML 14Page - Anpec Electronics Coropration APA2176 Datasheet HTML 15Page - Anpec Electronics Coropration APA2176 Datasheet HTML 16Page - Anpec Electronics Coropration APA2176 Datasheet HTML 17Page - Anpec Electronics Coropration APA2176 Datasheet HTML 18Page - Anpec Electronics Coropration APA2176 Datasheet HTML 19Page - Anpec Electronics Coropration APA2176 Datasheet HTML 20Page - Anpec Electronics Coropration APA2176 Datasheet HTML 21Page - Anpec Electronics Coropration APA2176 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2013
www.anpec.com.tw
18
APA2176/2176A
voltage PVDD to provide maximum device performance.
By switching the both RSD and LSD pins to low level, the
amplifier enters a low-consumption current circum-
stance, with charge pump disabled, and very small I
DD for
the APA2176/2176A. The charge pump is enabled once
either RSD or LSD pin is pulled to high. In normal
operating, the APA2176/2176A’s RSD and LSD pins
should be pulled to high level to keep the IC out of the
shutdown mode. The RSD and LSD pins should be tied
to a definite voltage to avoid unwanted mode changing.
Function Description
Figure 1. Cap-Free Operation
The APA2176/2176A’s headphone drivers use a charge
pump to invert the positive power supply (PV
DD) to nega-
tive power supply (CV
SS), see figure1. The headphone
drivers operate at this bipolar power supply (V
DD and VSS)
and the outputs reference refers to the ground. This fea-
ture eliminates the output capacitors which are used in
conventional single-ended headphone amplifiers. Com-
pared with the single power supply amplifiers, the power
supply voltage is almost double.
The APA2176/2176A is a stereo, fixed gain, cap-free head-
phone driver. The gain is set by internal resistors, input
resistors (R
i), and feedback resistors (Rf) with -1.5V/V
(See Typical Application Circuit).
Shutdown Function
In order to reduce power consumption, the APA2176/2176A
contain two shutdown signal input pins (LSD for left chan-
nel and RSD for right channel) to allow respective shut-
down which turns off the bias current of the amplifier.
This shutdown feature turns the amplifier off when logic
low is placed on the RSD or LSD pin for the APA2176/
2176A. The trigger point between a logic high and logic
low level is typically 0.6PV
DD and 0.3PVDD. It is highly rec-
ommended to switch between ground and the supply
V
DD
V
DD/2
GND
V
OUT
V
DD
V
SS
GND
V
OUT
Conventional Headphone amplifier
Cap-free Headphone amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com