Electronic Components Datasheet Search
  English  ▼

X  

APA2181 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA2181
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2181 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA2181 Datasheet HTML 10Page - Anpec Electronics Coropration APA2181 Datasheet HTML 11Page - Anpec Electronics Coropration APA2181 Datasheet HTML 12Page - Anpec Electronics Coropration APA2181 Datasheet HTML 13Page - Anpec Electronics Coropration APA2181 Datasheet HTML 14Page - Anpec Electronics Coropration APA2181 Datasheet HTML 15Page - Anpec Electronics Coropration APA2181 Datasheet HTML 16Page - Anpec Electronics Coropration APA2181 Datasheet HTML 17Page - Anpec Electronics Coropration APA2181 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2010
APA2181
www.anpec.com.tw
14
Headphone Driver Operation
Function Description
The APA2181’s headphone drivers use a charge pump
to invert the positive power supply (V
DD) to negative power
supply (V
SS), see figure1. The headphone drivers oper-
ate at this bipolar power supply (V
DD and VSS) and the out-
puts reference refers to the ground. This feature elimi-
nates the output capacitor that is using in conventional
single-ended headphone drive amplifier. Compare with
the single power supply amplifier, the power supply range
has almost doubled.
Figure 1. Cap-free Operation
Thermal Protection
The thermal protection circuit limits the junction tempera-
ture of the APA2181. When the junction temperature ex-
ceeds T
J = +150
OC, a thermal sensor turns off the driver,
allowing the devices to cool. The thermal sensor allows
the driver to start-up after the junction temperature down
about 125OC. The thermal protection is designed with a
25OC hysteresis to lower the average T
J during continu-
ous thermal overload conditions, increasing lifetime of
the ICs.
Shutdown Function
In order to reduce power consumption while not in use,
the APA2181 contains shutdown controllers to externally
turn off the amplifier bias circuitry. This shutdown feature
turns the amplifier off when logic low is placed on the
SDN pins for the APA2181. The trigger point between a
logic high is 1.0V and logic low level is 0.35V. It is recom-
mended to switch between ground and the supply volt-
age V
DD to provide maximum device performance. By
switching the SDN pins to a low level, the amplifier enters
a low-consumption current circumstance, charge pump
is disabled, and I
DD for the APA2181 is in shutdown mode.
In normal operating, the APA2181’s SDN pins should be
pulled to a high level to keep the IC out of the shutdown
mode. The SDN pins should be tied to a definite voltage
to avoid unwanted circumstance changes.
V
DD
V
DD/2
GND
V
OUT
V
DD
V
SS
GND
V
OUT
Conventional Headphone Driver
Cap-free Headphone Driver
Low Drop-Out (LDO) Regulator
The LDO regulator’s output provides maximum 5mA drive
capacity for external audio codec. A 1
µF decoupling ca-
pacitor with 0.1
µF capacitor (filtering the high frequency
noise) is recommended at LDO regulator’s output. The
LDO monitors the output current and limits the maximum
output current to prevent damages during current over-
load or short circuit conditions.
The LDO provides a soft-start function, using the con-
stant current to charge the output capacitor that gives a
rapid and linear output voltage rise. If the load current is
above the current limit start-up, the LDO cannot start
successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com