Electronic Components Datasheet Search
  English  ▼

X  

APA2181 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2181
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2181 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2181 Datasheet HTML 1Page - Anpec Electronics Coropration APA2181 Datasheet HTML 2Page - Anpec Electronics Coropration APA2181 Datasheet HTML 3Page - Anpec Electronics Coropration APA2181 Datasheet HTML 4Page - Anpec Electronics Coropration APA2181 Datasheet HTML 5Page - Anpec Electronics Coropration APA2181 Datasheet HTML 6Page - Anpec Electronics Coropration APA2181 Datasheet HTML 7Page - Anpec Electronics Coropration APA2181 Datasheet HTML 8Page - Anpec Electronics Coropration APA2181 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2010
APA2181
www.anpec.com.tw
2
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD to GND and PGND)
-0.3 to 5.5
VSDN
Input Voltage (SDN to GND)
GND-0.3 to VDD+0.3
VSS
VSS to GND and PGND Voltage
-5.5 to 0.3
VOUT
ROUT and LOUT to GND Voltage
VSS-0.3 to VDD+0.3
VCPP
CPP to PGND Voltage
PGND-0.3 to VDD+0.3
VCPN
CPN to PGND Voltage
PVSS-0.3 to PGND+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
oC
Pin Configuration
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA2181
Voltage Code
D : 1.9V
M : 2.8V
Package Code
HA : WLCSP1.6x1.6-12
Temperature Range
I : - 40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APA2181 HA:
A81
VX
X - Date Code ; V - Voltage Code
Assembly Material
Voltage Code
A 8 1
X
PIN A1
Date
Code
Marking
LOUT
(C1)
ROUT
(C2)
VOUT
(A1)
GND
(B3)
LIN
(C3)
RIN
(C4)
VDD
(B4)
CPN
(A2)
PGND
(A3)
CPP
(A4)
WLCSP1.6x1.6-12
(Top View)
V
Voltage Code
VSS
(B1)
SDN
(B2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com