Electronic Components Datasheet Search
  English  ▼

X  

AIC1573CS Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1573CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1573CS Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1573CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AIC1573
7
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7
Load Transient of Linear Controller
-40
-20
0
20
40
60
80
100
120
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
FSW=200KHz
Fig. 8 Temperature vs. Switching Frequency Drift
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
OCSET Current = 200 µA
Fig. 9
Temperature vs. OCSET Current Drift
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
Fig. 10
Temperature Drift of 9 Different Parts
VREG2=3.3V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0. 1
0.0
0.1
0
.2
0
.3
0.4
Fig. 11
Temperature Drift of 13 Different Parts
DACOUT=1.6V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
Fig. 12
Temperature Drift of 9 Different Parts
VREG4=1.8V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com