Electronic Components Datasheet Search
  English  ▼

X  

AIC1573CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1573CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1573CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1573CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AIC1573
5-bit DAC, Synchronous PWM Power
Regulator with Simple PWM Power Regulator,
LDO And Linear Controller
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1573-01 Sep 10, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Compatible with HIP6020.
l
Provides 4 Regulated Voltages for Microprocessor
Core, AGP Bus, Memory and GTL Bus Power.
l
TTL Compatible 5-bit Digital-to-Analog Core Output
Voltage Selection. Range from 1.3V to 3.5V.
0.1V Steps from 2.1V to 3.5V.
0.05V Steps from 1.3V to 2.05V.
l
±1.0% PWM Output Voltage for VCORE.
l
±3% PWM Output Voltage for AGP Bus.
l
±3.0% Reference Voltage for Chipset and/or Ca-
che Memory and VGTL.
l
Simple Voltage-Mode PWM Control with Built in
Internal Compensation Networks.
l
N-Channel MOSFET Driver for PWM buck con-
verters.
l
Linear Controller Drives Compatible with both N–
Chanel MOSFET and NPN Bipolar Series Pass
Transistor.
l
Operates from +3.3V, +5V and +12V Inputs.
l
Fast Transient Response.
l
Full 0% to 100% Duty Ratios.
l
Adjustable Current Limit without External Sense
Resistor.
l
Microprocessor Core Voltage Protection against
Upper MOSFET shorted to +5V.
l
Power Good Output Voltage Monitor.
l
Over-Voltage and Over-Current Fault Monitors.
l
200KHz Free-Running Oscillator Programmable up
to 700KHz.
n APPLICATIONS
l
Full Motherboard Power Regulation for Computers.
n DESCRIPTION
The AIC1573 combines two PWM voltage mode
controllers and two linear controllers as well as the
monitoring and protection functions in this chip. One
PWM controller regulates the microprocessor core
voltage with a synchronous rectified buck converter.
The second PWM controller provides AGP bus 1.5V
or 3.3V power with a standard buck converter. Two
linear controllers regulate power for the 1.5V GTL
bus and 1.8V power for the chip set core voltage
and/or cache memory circuits.
An integrated 5 bit D/A converter that adjusts the
microprocessor core voltage from 2.1V to 3.5V in
0.1V increments and from 1.3V to 2.05V in 0.05V
increments. The second PWM controller for AGP
bus power is selectable by means of SELECT pin
status for 1.5V or 3.3V with 3% accuracy. Two linear
controllers drive with external N-channel MOSFETs
to provide 1.5V±3%
and
fixed
output
voltage
1.8V±3%.
This chip monitors all the output voltages. Power
Good signal is issued when the core voltage is
within ±10% of the DAC setting and the other levels
are above their under-voltage levels. Over-voltage
protection for the core output uses the lower N-
channel MOSFET to prevent output voltage above
116% of the DAC setting.
The PWM over-current function monitors the output
current by using the voltage drop across the upper
MOSFET’s RDS(ON), eliminating the need for a cur-
rent sensing resistor
.


Similar Part No. - AIC1573CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
More results

Similar Description - AIC1573CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
4-bit DAC, Simple PWM Power Regulator
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com