Electronic Components Datasheet Search
  English  ▼

X  

1410188-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1410188-3
Description  MULTIGIG RT Signal Connectors, Tiers 1 and 2, RT2 Mezzanine,and RT2 Ruggedized
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410188-3 Datasheet(HTML) 1 Page - Tyco Electronics

  1410188-3 Datasheet HTML 1Page - Tyco Electronics 1410188-3 Datasheet HTML 2Page - Tyco Electronics 1410188-3 Datasheet HTML 3Page - Tyco Electronics 1410188-3 Datasheet HTML 4Page - Tyco Electronics 1410188-3 Datasheet HTML 5Page - Tyco Electronics 1410188-3 Datasheet HTML 6Page - Tyco Electronics 1410188-3 Datasheet HTML 7Page - Tyco Electronics 1410188-3 Datasheet HTML 8Page - Tyco Electronics 1410188-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
108-2072
Product
Specification
10 Sep 12 Rev E
MULTIGIG RT* Signal Connectors, Tiers 1 and 2, RT2 Mezzanine,
and RT2 Ruggedized
©2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company
All Rights Reserved
| Indicates Change
1 of 11
*Trademark. TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or company names may be trademarks of their respective owners.
1.
SCOPE
1.1.
Content
This specification covers performance, tests and quality requirements for the TE Connectivity (TE)
MULTIGIG RT* Signal connector system which uses a modular concept and interconnects two printed
circuit boards. Both receptacle and plug connectors are connected to the printed circuit boards with
plated thru-hole compliant press-fit leads. The connector system is designed to perform at two different
signal transmission performance levels which are identified by the “Tier” designator. Although signal
transmission performance levels vary between the “Tiers” of product, the mechanical and
environmental requirements contained in this specification apply to all.
1.2.
Qualification
When tests are performed on the subject product line, procedures specified in Figure 1 shall be used.
All inspections shall be performed using the applicable inspection plan and product drawing.
1.3.
Qualification Test Results
Successful qualification testing on Tier 1 product was completed on 14Aug02. Successful qualification
testing on Tier 2 product was completed on 31Jan04. Successful qualification testing on RT2
Mezzanine product was completed on 11Nov07. Successful qualification testing on the RT2
Ruggedized product was completed 20Aug2012. The Qualification Test Report number for this testing
is 501-544. This documentation is on file at and available from Engineering Practices and Standards
(EPS).
2.
APPLICABLE DOCUMENTS
The following documents form a part of this specification to the extent specified herein. Unless
otherwise specified, the latest edition of the document applies. In the event of conflict between the
requirements of this specification and the product drawing, the product drawing shall take precedence.
In the event of conflict between the requirements of this specification and the referenced documents,
this specification shall take precedence.
2.1.
Tyco Electronics Documents
●
109 Series: Test Specifications as indicated in Figure 1
●
109-197: Test Specification (AMP Test Specifications vs EIA and IEC Test Methods)
●
501-544: Qualification Test Report (MULTIGIG RT* Signal Connectors, Tiers 1 and 2, RT2
Mezzanine, and RT2 Ruggedized.)
2.2.
Commercial Documents
●
Bellcore GR-1217: Generic Requirements for Separable Electrical Connectors Used in
Telecommunications Hardware
●
EIA-364: Electrical Connector/Socket Test Procedures Including Environmental Classifications


Similar Part No. - 1410188-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410186-1 ETC2-1410186-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
Tyco Electronics
1410187-3 MACOM-1410187-3 Datasheet
494Kb / 6P
High Speed Backplane Interconnect Solutions
1410189-1 MACOM-1410189-1 Datasheet
166Kb / 1P
RIGHT-ANGLE PLUG ASSEMBLY, 7 ROW HALF LEFT END, 20.3mm,MultiGig RT2,DAUGHTERCARD CONNECTOR, VITA 46
More results

Similar Description - 1410188-3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT212 ADAM-TECH-RT212 Datasheet
156Kb / 2P
RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Tyco Electronics
RT424005 MACOM-RT424005_05 Datasheet
215Kb / 3P
Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
Power PCB Relay RT2
logo
TE Connectivity Ltd
RT2-DC TEC-RT2-DC Datasheet
411Kb / 4P
Power PCB Relay RT2 DC and AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com