Electronic Components Datasheet Search
  English  ▼

X  

1410188-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1410188-3
Description  MULTIGIG RT Signal Connectors, Tiers 1 and 2, RT2 Mezzanine,and RT2 Ruggedized
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410188-3 Datasheet(HTML) 5 Page - Tyco Electronics

  1410188-3 Datasheet HTML 1Page - Tyco Electronics 1410188-3 Datasheet HTML 2Page - Tyco Electronics 1410188-3 Datasheet HTML 3Page - Tyco Electronics 1410188-3 Datasheet HTML 4Page - Tyco Electronics 1410188-3 Datasheet HTML 5Page - Tyco Electronics 1410188-3 Datasheet HTML 6Page - Tyco Electronics 1410188-3 Datasheet HTML 7Page - Tyco Electronics 1410188-3 Datasheet HTML 8Page - Tyco Electronics 1410188-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
108-2072
Rev E
5 of 11
3.6.
Product Qualification and Requalification Test Sequence
A.
Tier 1 Product
Test Group (a)
1
2
3
4
5
Test or Examination
Test Sequence (b)
Initial examination of product
1
1
1
1
1
Low level contact resistance, circuit
3,7,10,15
3,7,9,12
2,5,7,10
2,5,7,9,12,14,16,19
Low level contact resistance, compliant pin (c)
4,16
4,13
3,11
3,10,17
Insulation resistance
5,13
14
Withstanding voltage
6,14
15
Temperature rise vs current
2
Vibration
8
Mechanical shock
9
Durability
6
4
4,18(d)
Mating force
2,12
2,17
13
Unmating force
8,11
5,16
12
Compliant pin insertion
3
Compliant pin retention
18
18
14
20
4
Minute disturbance
15
Thermal shock
10
Humidity-temperature cycling
11
Temperature life
9
Mixed flowing gas
6(e),8(e),11(f),13(f)
Dust contamination
8
6
Final examination of product
17
19
15
21
NOTE
(a)
See paragraph 4.1.A.
(b)
Numbers indicate sequence in which tests are performed.
(c)
Compliant pin design requires special test printed circuit board for low level contact
resistance data collection. Separate, parallel test groups to be supplied where this data
is required.
(d)
Perform 100 cycles of durability before, and 100 cycles after mixed flowing gas testing.
(e)
Exposure interval of 5 days with specimens unmated.
(f)
Exposure interval of 5 days with specimens mated.
Figure 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com