Electronic Components Datasheet Search
  English  ▼

X  

APL3203D Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3203D
Description  Li Charger Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203D Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3203D Datasheet HTML 5Page - Anpec Electronics Coropration APL3203D Datasheet HTML 6Page - Anpec Electronics Coropration APL3203D Datasheet HTML 7Page - Anpec Electronics Coropration APL3203D Datasheet HTML 8Page - Anpec Electronics Coropration APL3203D Datasheet HTML 9Page - Anpec Electronics Coropration APL3203D Datasheet HTML 10Page - Anpec Electronics Coropration APL3203D Datasheet HTML 11Page - Anpec Electronics Coropration APL3203D Datasheet HTML 12Page - Anpec Electronics Coropration APL3203D Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2013
www.anpec.com.tw
9
APL3203D
PIN
NO.
NAME
FUNCTION
1
IN
Power Supply Input.
2
GND
Ground.
3
NC
No Connection.
4
FAULT
Fault Indication Pin. This pin goes low when input OVP, OCP, or battery OVP is detected.
5
EN
Enable Input. Pull this pin to high to disable the device and pull this pin to low to enable device.
6
BAT
Battery OVP Sense Pin. Connect to positive terminal of battery through a resistor.
7
ILIM
Over-current Protection Setting Pin. Connect a resistor to GND to set the over-current threshold.
8
OUT
Output Voltage Pin. The output voltage follows the input voltage when no fault is detected.
-
EP
Exposed Thermal Pad. Must be electrically connected to the GND pin.
Pin Description
Block Diagram
Gate Driver and
Control Logic
POR
IN
BAT
ILIM
OUT
OTP
Charge
Pump
FAULT
EN
GND
1V
0.5V
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com