Electronic Components Datasheet Search
  English  ▼

X  

APL3203D Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3203D
Description  Li Charger Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203D Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3203D Datasheet HTML 2Page - Anpec Electronics Coropration APL3203D Datasheet HTML 3Page - Anpec Electronics Coropration APL3203D Datasheet HTML 4Page - Anpec Electronics Coropration APL3203D Datasheet HTML 5Page - Anpec Electronics Coropration APL3203D Datasheet HTML 6Page - Anpec Electronics Coropration APL3203D Datasheet HTML 7Page - Anpec Electronics Coropration APL3203D Datasheet HTML 8Page - Anpec Electronics Coropration APL3203D Datasheet HTML 9Page - Anpec Electronics Coropration APL3203D Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2013
www.anpec.com.tw
6
APL3203D
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Normal Power On
1
2
3
V
IN
V
OUT
CH1: V
IN, 5V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 2ms/Div
C
OUT =1µF, CIN =1µF, ROUT = 10Ω
CH3: I
OUT, 0.5A/Div, DC
I
OUT
V
IN = 0 to 5V
OVP at Power On
1
2
3
V
IN
V
OUT
CH1: V
IN, 10V/Div, DC
CH2: V
OUT, 2V/Div, DC
C
OUT =1µF, CIN =1µF, ROUT = 10Ω
CH3: V
FAULT, 5V/Div, DC
TIME: 2ms/Div
V
FAULT
V
IN = 0 to 12V
Input Over-Voltage Protection
CH1: V
IN, 5V/Div, AC
CH2: V
OUT, 2V/Div, DC
TIME: 20
µs/Div
C
OUT = 1µF, CIN=1µF, ROUT=50Ω
CH3: V
FAULT, 5V/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com