Electronic Components Datasheet Search
  English  ▼

X  

APR3011 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APR3011
Description  MicroPower Microprocessor Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3011 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APR3011 Datasheet HTML 1Page - Anpec Electronics Coropration APR3011 Datasheet HTML 2Page - Anpec Electronics Coropration APR3011 Datasheet HTML 3Page - Anpec Electronics Coropration APR3011 Datasheet HTML 4Page - Anpec Electronics Coropration APR3011 Datasheet HTML 5Page - Anpec Electronics Coropration APR3011 Datasheet HTML 6Page - Anpec Electronics Coropration APR3011 Datasheet HTML 7Page - Anpec Electronics Coropration APR3011 Datasheet HTML 8Page - Anpec Electronics Coropration APR3011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APR3011/2/3
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
MicroPower Microprocessor Reset Circuit
General Description
The APR3011/2/3 are designed to monitor voltage sup-
plies in
µP and digital systems. The quiescent current is
extremely low, typically 1.5µA, making it ideal for portable
battery operated equipment. The APR3011/2/3 operate
by monitoring the system power supply voltage. When
the input voltage drops below a fixed threshold, the de-
vice asserts a reset signal for a fixed time period after Vcc
rises above the fixed threshold. The APR3011/2/3 series
are available with three output stage versions: APR3011
push-pull active low output, APR3012 push-pull active
high output, and APR3013 open drain active low output.
They are also designed to reject fast line transient glitches
on V
CC. The APR3011/2/3 come in a miniature SOT-23-3,
SOT-23-5, and SOT-89 packages.
SOT-23-3 (Top View)
SOT-23-5 (Top View)
SOT-89 (Top View)
Pin Configuration
Features
Applications
•
Computers
•
Cell Phones
•
Portable Electronics
•
µP Power Supply Monitoring
•
1.2V to 6V Input Voltage Range
•
Low Quiescent Current : Less than 1.5
µA
•
High Accuracy Detection Threshold : ±1.5%
•
Fixed Trimmed Reset Thresholds for 1.5V, 1.75V,
2.32V, 2.63V, 2.93V, 3.08V, 3.9V, 4.38V, 4.63V
•
Reset Timeout Period 250ms
•
Available Output Configurations
- Open-Drain Output
- CMOS Active High Output
- CMOS Active Low Output
•
SOT-23-3, SOT-23-5, and SOT-89 Packages
•
No External Components
•
Lead Free and Green Devices Available
(RoHS Compliant)
1
2
3
GND
VCC
(3011/3)
(3012)
Reset
Reset
V CC
GND
NC
NC
1
2
3
4
5
(3011/3)
(3012)
Reset
Reset
GND
V
CC
2
1
3
(3011/3)
(3012)
Reset
Reset


Similar Part No. - APR3011

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011-15A ANPEC-APR3011-15A Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011-15B ANPEC-APR3011-15B Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011-16A ANPEC-APR3011-16A Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011-16B ANPEC-APR3011-16B Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR3011

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
MicroPower Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com