Electronic Components Datasheet Search
  English  ▼

X  

APR3011 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APR3011
Description  MicroPower Microprocessor Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3011 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APR3011 Datasheet HTML 1Page - Anpec Electronics Coropration APR3011 Datasheet HTML 2Page - Anpec Electronics Coropration APR3011 Datasheet HTML 3Page - Anpec Electronics Coropration APR3011 Datasheet HTML 4Page - Anpec Electronics Coropration APR3011 Datasheet HTML 5Page - Anpec Electronics Coropration APR3011 Datasheet HTML 6Page - Anpec Electronics Coropration APR3011 Datasheet HTML 7Page - Anpec Electronics Coropration APR3011 Datasheet HTML 8Page - Anpec Electronics Coropration APR3011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APR3011/2/3
www.anpec.com.tw
3
Electrical Characteristics
APR3011/2/3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
1.2
-
6
V
ICC
Supply Current
VCC=1.5V~6V
-
1.5
4
µA
TA=-40 to 85°C
-
3
5
TA=25°C
-
±1.5%
-
VTH
Reset Threshold
TA=-40 to 85°C
-
±2%
-
VHYST
Hysteresis Range
-
20
-
mV
TRTP
Reset Timeout Period
150
250
350
ms
VOL
Reset Output Low
ISINK=1.2mA
-
-
0.5
V
VOH
Reset Output High
ISOURCE=0.6mA
0.8*VCC
-
-
TD
VCC to Reset Delay
VCC=VTH to (VTH-100mV)
-
25
-
µS
ILE
Reset Output Leakage
-
-
0.5
µA
V
IN = 5V, TA = -40 to 85°C unless otherwise noted. Typical values are at TA=25°C, VCC = 5V for 4.38V versions, VCC = 3.3V for 3.08/
2.93V versions, V
CC = 3.0V for 2.63V. versions and VCC = 2.5V for 2.32V versions, VCC = 2.0V for 1.75V versions , VCC = 1.8V for
1.5V versions.
Pin Description (Note 1)
PIN
NO.
NAME
FUNCTION
1
GND
Ground connection
RESET
(APR3011/3)
RESET output remains low while VCC is below the reset threshold and remains so for a fixed time
period after VCC raises above the reset threshold
2
RESET
(APR3012)
RESET output remains high while VCC is below the reset threshold and remains so for a fixed time
period after VCC raises above the reset threshold.
3
VCC
Supply Voltage (+1.2V to +6V)
Note 1: The pin sequence here might not be correct for all different package types, and please refer pin configuration in page1 for
correct pin assignment.
Typical Application Circuit
VCC
VCC
GND
100k
APR3013 RESET
RESET
INPUT
µP
VCC
GND
VCC
VCC
GND
RESET
(RESET)
RESET
INPUT
µP
VCC
GND
APR3011
APR3012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com