Electronic Components Datasheet Search
  English  ▼

X  

IRFL024N Datasheet(PDF) 6 Page - International Rectifier

Part # IRFL024N
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL024N Datasheet(HTML) 6 Page - International Rectifier

  IRFL024N Datasheet HTML 1Page - International Rectifier IRFL024N Datasheet HTML 2Page - International Rectifier IRFL024N Datasheet HTML 3Page - International Rectifier IRFL024N Datasheet HTML 4Page - International Rectifier IRFL024N Datasheet HTML 5Page - International Rectifier IRFL024N Datasheet HTML 6Page - International Rectifier IRFL024N Datasheet HTML 7Page - International Rectifier IRFL024N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFL024N
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
tp
V (B R)DSS
I AS
Fig 12a. Unclamped Inductive Test Circuit
R G
IAS
0.0 1
Ω
tp
D.U .T
L
V DS
+
-
VDD
DRIV E R
A
15V
10V
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
1.3A
2.2A
2.8A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com