Electronic Components Datasheet Search
  English  ▼

X  

IRFL024N Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL024N
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL024N Datasheet(HTML) 1 Page - International Rectifier

  IRFL024N Datasheet HTML 1Page - International Rectifier IRFL024N Datasheet HTML 2Page - International Rectifier IRFL024N Datasheet HTML 3Page - International Rectifier IRFL024N Datasheet HTML 4Page - International Rectifier IRFL024N Datasheet HTML 5Page - International Rectifier IRFL024N Datasheet HTML 6Page - International Rectifier IRFL024N Datasheet HTML 7Page - International Rectifier IRFL024N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFL024N
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 0.075Ω
ID = 2.8A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application.
6/15/99
Description
l Surface Mount
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l Fast Switching
l Fully Avalanche Rated
S O T -223
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
90
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
50
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
4.0
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
2.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
2.3
IDM
Pulsed Drain Current

11.2
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
214
mJ
IAR
Avalanche Current

2.8
A
EAR
Repetitive Avalanche Energy
*
0.1
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
www.irf.com
1
PD - 91861A


Similar Part No. - IRFL024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFL024N IRF-IRFL024N Datasheet
115Kb / 8P
Surface Mount
IRFL024NPBF IRF-IRFL024NPBF Datasheet
135Kb / 8P
HEXFET짰 Power MOSFET
IRFL024NPBF IRF-IRFL024NPBF Datasheet
140Kb / 8P
Advanced Process Technology
IRFL024NPBF IRF-IRFL024NPBF_15 Datasheet
140Kb / 8P
Advanced Process Technology
More results

Similar Description - IRFL024N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com