Electronic Components Datasheet Search
  English  ▼

X  

SOC2907ASW35 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SOC2907ASW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907ASW35 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SOC2907ASW35 Datasheet HTML 2Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 3Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 4Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 5Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 6Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 7Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 8Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 9Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
2N2907AHR
6/21
DocID15382 Rev 6
2.3
Electrical characteristics (curves)
t
on
Turn-on time
V
CC
= 30 V, I
C
= 150 mA
I
B1
= 15 mA
-45
ns
t
off
Turn-off time
V
CC
= 30 V, I
C
= 150 mA
I
B1
= -I
B2
= 15 mA
-
300
ns
1.
Pulsed duration = 300 μs, duty cycle
≤ 2 %
Table 5. ESCC electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 2. DC current gain (VCE = 1 V)
Figure 3. DC current gain (VCE = 10 V)
Figure 4. Collector emitter saturation
voltage
Figure 5. Base emitter saturation voltage
(hFE = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com