Electronic Components Datasheet Search
  English  ▼

X  

SOC2907ASW35 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SOC2907ASW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907ASW35 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SOC2907ASW35 Datasheet HTML 5Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 6Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 7Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 8Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 9Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 10Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 11Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 12Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID15382 Rev 6
9/21
2N2907AHR
Radiation hardness assurance
21
3
Radiation hardness assurance(b)
The products guaranteed in radiation within the JANS system fully comply with the MIL-
PRF-19500/291 specification.
The products guaranteed in radiation within the ESCC system fully comply with the ESCC
5202/001 and ESCC 22900 specifications.
JANS radiation assurance
ST JANS parts guaranteed at 100 krad (Si), tested, in full compliancy with the MIL-PRF-
19500 specification, specifically the Group D, subgroup 2 inspection, between 50 and 300
rad/s.
A brief summary is provided below:
–
All test are performed in accordance to MIL-PRF-19500 and test method
1019 of
MIL-STD-750 for total Ionizing dose.
Each wafer of each lot is tested. The table below provides for each monitored parameters of
the test conditions and the acceptance criteria
b.
For PNP type, voltage and current values are negative.
Table 6. MIL-PRF-19500 (test method 1019) post radiation electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Max.
I
CBO
Collector to base
cutoff current
V
CB
= 60
20
μA
V
CB
= 50 V
20
nA
I
EBO
Emitter to base
cutoff current
V
EB
= 5 V
20
μA
V
EB
= 4 V
100
nA
V
(BR)CEO
Breakdown voltage,
collector to emitter
I
C
= 10 mA
60
V
I
CES
Collector to emitter
cutoff current
V
CE
= 50 V
100
nA
h
FE
Forward-current
transfer ratio
V
CE
= 10 V; I
C
= 0.1 mA
[37.5]
(1)
1.
See method 1019 of MIL-STD-750 for how to determine [h
FE
] by first calculating the delta (1/h
FE
) from the
pre- and Post-radiation h
FE
. Notice the [h
FE
] is not the same as h
FE
and cannot be measured directly. The
[h
FE
] value can never exceed the pre-radiation minimum h
FE
that it is based upon.
V
CE
= 10 V; I
C
= 1.0 mA
[50]
(1)
400
V
CE
= 10 V; I
C
= 10 mA
[50]
(1)
V
CE
= 10 V; I
C
= 150 mA
[50]
(1)
300
V
CE
= 10 V; I
C
= 500 mA
[25]
(1)
V
CE(sat)
Collector-emitter
saturation voltage
I
C
= 150 mA; I
B
= 15 mA
0.46
V
I
C
= 500 mA; I
B
= 50 mA
1.84
V
BE(sat)
Base-emitter
saturation voltage
I
C
= 150 mA; I
B
= 15 mA
0.6
1.5
V
I
C
= 500 mA; I
B
= 50 mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com