Electronic Components Datasheet Search
  English  ▼

X  

TPS53513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53513
Description  1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53513 Datasheet HTML 9Page - Texas Instruments TPS53513 Datasheet HTML 10Page - Texas Instruments TPS53513 Datasheet HTML 11Page - Texas Instruments TPS53513 Datasheet HTML 12Page - Texas Instruments TPS53513 Datasheet HTML 13Page - Texas Instruments TPS53513 Datasheet HTML 14Page - Texas Instruments TPS53513 Datasheet HTML 15Page - Texas Instruments TPS53513 Datasheet HTML 16Page - Texas Instruments TPS53513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 0 A
P r e - b i a s = 0 . 6 V
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 5 0 0 K H z
I O U T = 0 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 6 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = F C C M
F s w = 1 M H z
I O U T = 6 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 0 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = F C C M
F s w = 1 M H z
I O U T = 0 A
TPS53513
www.ti.com
SLUSBP9A – SEPTEMBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
Figure 25. Shut-Down Operation
Figure 26. Shut-Down Operation
Figure 27. Shut-Down Operation
Figure 28. Shut-Down Operation
Figure 29. Pre-Bias Operation
Figure 30. Overvoltage Protection
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com