Electronic Components Datasheet Search
  English  ▼

X  

10SC10M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 10SC10M
Description  Aluminum solid capacitors with Organic semiconductive electrolyte
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

10SC10M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  10SC10M Datasheet HTML 1Page - Sanyo Semicon Device 10SC10M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■Size List
■Specifications
■Dimensions
(unit : mm)
※1 Please reduce 0.25V per 1
°C from over 85°C for 25V products.
※2 In case of some problems for measured values, measure after applying rated voltage for 6.3 to 16 and 30V products or temperature
derating voltage for 25V products for 30 minutes at 105
°C.
RV : Rated voltage
(SV) : Surge (room temperature)
※For the minimum packing quantity, please refer to page 53.
Size Code
A
B
C
D
E
F
4.0
5.0
6.3
6.3
8.0
10.0
φD+0.5max. Lmax.
7.8
7.8
7.8
10.8
11.5
11.5
0.45
0.45
0.45
0.60
0.60
0.60
0.5
0.5
0.5
0.5
0.8
0.8
0.5
0.5
0.5
0.5
0.8
0.8
2.0
±0.5
2.0
±0.5
2.5
±0.5
2.5
±0.5
3.5
±0.5
5.0
±0.5
F
φd±0.05 Gmax.
Kmax.
(+)
G
A'
C
A
B
B'
Standards of terminal lead position
Sleeve
φd
L
15min.
4min.
19min.
F
Mark
; ideal
terminal lead position C;
the middle point of A-A'
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
A
B
C
A
B
C
D
A
A
B
B
C
D
D
A
A
B
B
C
C
C
D
E
F
F
A
B
B
C
D
D
E
F
RV
µF
6.3
(7.2)
16
(18.4)
25
(25.0)
10
(11.5)
30
(34.5)
(SV)
-55
°C to +105°C
M :
±20%
Less than or equal to the value of Table13
Less than or equal to the value of Table13
Less than or equal to the value of Table13
-55
°C
+105
°C
∆C/C
tan
δ
Leakage current
∆C/C
tan
δ
Leakage current
∆C/C
tan
δ
Leakage current
Z / Z 20°C
Z / Z 20°C
0.75 to 1.25
0.75 to 1.25
Within
±20%
1.5 times or less than an initial standard
Below an initial standard
Within
±10%
1.5 times or less than an initial standard
Below an initial standard
Within
±5%
Below an initial standard
Below an initial standard (after voltage processing)
Items
Characteristics
Endurance
Damp heat (Steady state)
Resistance to
soldering heat
Characteristics of impedance
ratio at high temp. and low temp.
Conditions
Category temperature range
Tolerance on rated capacitance
Tangent of loss angle
Leakage current
ESR
120Hz
120Hz
105
°C, 2,000h, Rated
voltage applied
(25V
→20V applied) ※1
60
°C, 90 to 95%RH,
1,000h,
No-applied voltage
Flow method
(260
±5°C X 10s)
※2
Based the value at
100KHz
,+20
°C
After 2 minutes
42
Aluminum solid capacitors with Organic semiconductive electrolyte
RoHS compliance
Suitable for noise limiters and switching power supplies that
make a point of high frequency characteristics. Also, make
use of it when needed long life span and high reliability.
SCSeries
Standard radial lead type


Similar Part No. - 10SC10M

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
10SCESG04B ASHCROFT-10SCESG04B Datasheet
911Kb / 4P
SC Subsea Pressure Gauge
RevD_02-14-24
10SCESG04B-XBD ASHCROFT-10SCESG04B-XBD Datasheet
911Kb / 4P
SC Subsea Pressure Gauge
RevD_02-14-24
10SCESG04B-XCD-1 ASHCROFT-10SCESG04B-XCD-1 Datasheet
911Kb / 4P
SC Subsea Pressure Gauge
RevD_02-14-24
10SCESG04B-XCD-1A ASHCROFT-10SCESG04B-XCD-1A Datasheet
911Kb / 4P
SC Subsea Pressure Gauge
RevD_02-14-24
10SCESG04B-XDA ASHCROFT-10SCESG04B-XDA Datasheet
911Kb / 4P
SC Subsea Pressure Gauge
RevD_02-14-24
More results

Similar Description - 10SC10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SC VISHAY-94SC Datasheet
132Kb / 3P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
13-Sep-04
94SP VISHAY-94SP Datasheet
52Kb / 3P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
02-Jul-01
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
15-Jan-07
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V102MH80E-R2 TAIYO-YUDEN-PVK-2R5V102MH80E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com