Electronic Components Datasheet Search
  English  ▼

X  

10SC10M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 10SC10M
Description  Aluminum solid capacitors with Organic semiconductive electrolyte
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

10SC10M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  10SC10M Datasheet HTML 1Page - Sanyo Semicon Device 10SC10M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
※1
Tolerance on rated capacitance : M
±20%
※2
After 2 minutes
※3
100kHz, +45
°C
Temperature coefficient for allowable ripple current
30SC1M
25SC1M
25SC1R5M
16SC2R2M
16SC3R3M
10SC4R7M
6SC6R8M
30SC1R5M
30SC2R2M
25SC2R2M
25SC3R3M
16SC4R7M
16SC6R8M
10SC10M
6SC15M
30SC3R3M
25SC4R7M
25SC6R8M
25SC10M
16SC15M
10SC22M
6SC33M
30SC4R7M
30SC6R8M
25SC15M
16SC22M
16SC33M
10SC47M
30SC10M
25SC22M
30SC22M
25SC33M
25SC47M
30
25
25
16
16
10
 6.3
30
30
25
25
16
16
10
 6.3
30
25
25
25
16
10
6.3
30
30
25
16
16
10
30
25
30
25
25
1.0
1.0
1.5
2.2
3.3
4.7
6.8
1.5
2.2
2.2
3.3
4.7
6.8
10
15
3.3
4.7
6.8
10
15
22
33
4.7
6.8
15
22
33
47
10
22
22
33
47
350
350
300
280
280
280
250
300
250
200
200
180
150
150
120
200
100
100
90
90
70
70
120
120
70
70
70
60
110
40
80
35
35
430
430
435
450
500
540
560
435
695
695
700
720
745
780
815
820
1130
1140
1150
1230
1270
1320
1300
1340
1650
1800
1900
2020
1380
2330
1830
2900
2980
0.03
0.03
0.03
0.04
0.04
0.05
0.05
0.03
0.03
0.03
0.03
0.04
0.04
0.05
0.05
0.03
0.03
0.03
0.03
0.04
0.05
0.05
0.04
0.04
0.04
0.05
0.06
0.06
0.06
0.06
0.06
0.06
0.06
1.00
0.50
0.50
0.50
0.53
0.50
0.50
1.00
1.32
0.55
0.83
0.75
1.09
1.00
0.95
1.98
1.18
1.70
2.50
2.40
2.20
2.08
2.82
4.08
3.75
3.52
5.28
4.70
6.00
5.50
13.20
8.25
11.75
A
B
C
D
E
F
■Table13 SC Series Characteristics List
Size
Code
Part Number
※1
Rated
Voltage
(V)
Rated
Capacitance
(
µF)
ESR
100kHz to 300kHz
(m
Ω) (max.)
Allowable
ripple current
(mArms)
※3
Tangent of
loss angle
(max.)
Leakage
current (
µA)
(max.)
※2
Ambient Temp.
Coefficient
Tx
≦45
°C
1
45
°C<Tx≦65°C
0.85
65
°C<Tx≦85°C
0.7
85
°C<Tx≦95°C
0.4
95
°C<Tx≦105°C
0.25
Frequency coefficient for allowable ripple current
120Hz
≦ f <1kHz
0.05
1kHz
≦ f <10kHz
0.2
10kHz
≦ f <100kHz
0.5
100kHz
≦ f ≦500kHz
1
Frequency
Coefficient
43
Aluminum solid capacitors with Organic semiconductive electrolyte
RoHS compliance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com