Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # TL431
Description  Adjustable Precision Shunt Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  TL431 Datasheet HTML 1Page - Analog Intergrations Corporation TL431 Datasheet HTML 2Page - Analog Intergrations Corporation TL431 Datasheet HTML 3Page - Analog Intergrations Corporation TL431 Datasheet HTML 4Page - Analog Intergrations Corporation TL431 Datasheet HTML 5Page - Analog Intergrations Corporation TL431 Datasheet HTML 6Page - Analog Intergrations Corporation TL431 Datasheet HTML 7Page - Analog Intergrations Corporation TL431 Datasheet HTML 8Page - Analog Intergrations Corporation TL431 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC431/TL431A/TL431
3
n TEST CIRCUITS
VREF
IREF
IZ
VZ
IL
IN
AIC431
R2
R1
VREF
IREF
IZ
VZ
IN
IL
AIC431
Note: VZ=VREF(1+R1/R2)+IREFxR1
Fig. 1 Test Circuit for VZ=VREF
Fig. 2 Test circuit for VZ>VREF
IN
VZ
IZ(OFF)
AIC431
Fig. 3 Test circuit for off-state Current
n ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VZ=VREF,
AIC431
2.482
2.495
2.508
IL =10mA (Fig. 1)
TL431A
2.470
2.495
2.520
Reference Voltage
TL431
VREF
2.455
2.495
2.535
V
Deviation of Reference
Input Voltage Over
Temperature (Note 3)
VZ = VREF , IL =10mA,
Ta = 0
°C~ +85°C (Fig. 1)
VDEV
9.0
20
mV
Ratio of the Change in Refer-
ence Voltage to
IZ=10mA
∆V
Z=10V-VREF
-0.5
-2.0
mV/V
the Change in Cathode volt-
age
(Fig. 2)
∆V
Z=30V-10V
∆V
REF
∆V
Z
-0.35
-1.5
mV/V
Reference Input Current
R1 =10K
Ω, R2=∞,
IL =10mA (Fig. 2)
IREF
0.8
3.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com