Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # TL431
Description  Adjustable Precision Shunt Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button TL431 Datasheet HTML 2Page - Analog Intergrations Corporation TL431 Datasheet HTML 3Page - Analog Intergrations Corporation TL431 Datasheet HTML 4Page - Analog Intergrations Corporation TL431 Datasheet HTML 5Page - Analog Intergrations Corporation TL431 Datasheet HTML 6Page - Analog Intergrations Corporation TL431 Datasheet HTML 7Page - Analog Intergrations Corporation TL431 Datasheet HTML 8Page - Analog Intergrations Corporation TL431 Datasheet HTML 9Page - Analog Intergrations Corporation TL431 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AIC431/TL431A/TL431
6
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-40
-20
0
20
40
60
80
100
120
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Reference Input Current vs Temperature
Temperature (°C)
R1=10KΩ
R2=
∞
IZ=10mA
-40
-20
0
20
40
60
80
100
120
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
VZ=VREF
IZ=1mA to100mA
F <1KHz
Dynamic Impedance vs Temperature
Temperature (°C)
0
5
10
15
20
25
30
35
40
-6
-5
-4
-3
-2
-1
0
Change in Reference Voltage vs Cathode Voltage
Cathode Voltage (V)
IZ =10mA
TA =25°C
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
Off-State Cathode Current vs Temperature
Temperature (°C)
VREF=0V
VZ=30V
10
100
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
70
80
Av
IZ =10mA
TA=25°C
Small Signal Voltage Amplification vs Frequency
Frequency (Hz)
R1
10K
R
250
+
VIN
C
IN
47µF
V1
AIC431
Output
Test Circuit For Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com