Electronic Components Datasheet Search
  English  ▼

X  

AD538 Datasheet(PDF) 5 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit (ACU)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 5 Page - Analog Devices

  AD538 Datasheet HTML 1Page - Analog Devices AD538 Datasheet HTML 2Page - Analog Devices AD538 Datasheet HTML 3Page - Analog Devices AD538 Datasheet HTML 4Page - Analog Devices AD538 Datasheet HTML 5Page - Analog Devices AD538 Datasheet HTML 6Page - Analog Devices AD538 Datasheet HTML 7Page - Analog Devices AD538 Datasheet HTML 8Page - Analog Devices AD538 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD538
Rev. E | Page 4 of 16
Parameter
Test Conditions/
Comments
AD538AD
AD538BD
AD538SD
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
TEMPERATURE RANGE
Rated
−25
+85
−25
+85
−55
+125
°C
Storage
−65
+150
−65
+150
−65
+150
°C
1 Over the 100 mV to 10 V operating range total error is the sum of a percent of reading term and an output offset. With this input dynamic range the input offset
contribution to total error is negligible compared to the percent of reading error. Thus, it is specified indirectly as a part of the percent of reading error.
2 The most accurate representation of total error with low level inputs is the summation of a percent of reading term, an output offset and an input offset multiplied by
the incremental gain (VY + VZ) VX.
3 When using supplies below ±13 V, the 10 V reference pin must be connected to the 2 V pin in order for the AD538 to operate correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com