Electronic Components Datasheet Search
  English  ▼

X  

AD8062 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8062
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8062 Datasheet HTML 10Page - Analog Devices AD8062 Datasheet HTML 11Page - Analog Devices AD8062 Datasheet HTML 12Page - Analog Devices AD8062 Datasheet HTML 13Page - Analog Devices AD8062 Datasheet HTML 14Page - Analog Devices AD8062 Datasheet HTML 15Page - Analog Devices AD8062 Datasheet HTML 16Page - Analog Devices AD8062 Datasheet HTML 17Page - Analog Devices AD8062 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 14 of 20
APPLICATIONS INFORMATION
UNIPOLAR MODE
2-Quadrant Multiplying Mode, VOUT = 0 V to –VREF
The AD5547/AD5557 DAC architecture uses a current-steering
R-2R ladder design that requires an external reference and op
amp to convert the unipolar mode of the output voltage to
VOUT = −VREF × D/65,536 (AD5547)
(1)
VOUT = −VREF × D/16,384 (AD5557)
(2)
where D is the decimal equivalent of the input code.
In this case, the output voltage polarity is opposite the VREF
polarity (see Figure 21). Table 7 shows the negative output vs.
code for the AD5547.
Table 7. AD5547 Unipolar Mode Negative Output vs. Code
D in Binary
V
OUT (V)
1111 1111 1111 1111
–V
REF (65,535/65,536)
1000 0000 0000 0000
–V
REF/2
0000 0000 0000 0001
–V
REF (1/65,536)
0000 0000 0000 0000
0
WR
WR
RS
RS
2
LDAC
+2.5V
AD8628
AD5547/AD5557
R1A
16/14 DATA
VDD
RCOMA
R2
U1
R1
ROFSA
RFBA
C6
RFB
ROFS
MSB A0, A1
IOUTA
AGNDA
6.8pF
C1
1µF
C2
0.1µF
C3
0.1µF
VOUTA
VREFA
MSB
A0, A1
LDAC
+V
–V
GND
4
VOUT
TRIM
ADR03
5
6
VIN
U3
2
+5V
16-/14-BIT
2.5V
C4
1µF
0.1µF
C5
–5V
–2.5V TO 0V
Figure 21. Unipolar 2-Quadrant Multiplying Mode, VOUT = 0 to –VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com