Electronic Components Datasheet Search
  English  ▼

X  

AD8062 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8062
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8062 Datasheet HTML 11Page - Analog Devices AD8062 Datasheet HTML 12Page - Analog Devices AD8062 Datasheet HTML 13Page - Analog Devices AD8062 Datasheet HTML 14Page - Analog Devices AD8062 Datasheet HTML 15Page - Analog Devices AD8062 Datasheet HTML 16Page - Analog Devices AD8062 Datasheet HTML 17Page - Analog Devices AD8062 Datasheet HTML 18Page - Analog Devices AD8062 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 15 of 20
2-Quadrant Multiplying Mode, VOUT = 0 V to +VREF
The AD5547/AD5557 are designed to operate with either
positive or negative reference voltages. As a result, a positive
output can be achieved with an additional op amp, (see
Figure 22); the output becomes
VOUT = +VREF × D/65,536 (AD5547)
(3)
VOUT = +VREF × D/16,384 (AD5557)
(4)
Table 8 shows the positive output vs. code for the AD5547.
Table 8. AD5547 Unipolar Mode Positive Output vs. Code
D in Binary
V
OUT (V)
1111 1111 1111 1111
+V
REF(65,535/65,536)
1000 0000 0000 0000
+V
REF/2
0000 0000 0000 0001
+V
REF(1/65,536)
0000 0000 0000 0000
0
C9
1µF
C8
0.1µF
–5V
WR
WR
RS
RS
2
LDAC
–2.5V
+2.5V
0V TO +2.5V
+5V
AD8628
AD8628
AD5547/AD5557
C7
R1A
16/14 DATA
VDD
RCOMA
R2
R1
ROFSA
RFBA
C6
RFB
ROFS
MSB A0, A1
IOUTA
AGNDA
U2B
C4
1µF
0.1µF
C1
1µF
C2
1µF
C3
0.1µF
C5
VOUTA
VREFA
MSB
A0, A1
LDAC
+V
–V
GND
ADR03
4
VOUT
TRIM
5
6
VIN
U3
U2
2
+5V
16-/14-BIT
Figure 22. Unipolar 2-Quadrant Multiplying Mode, VOUT = 0 to +VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com