Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7660
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 1 Page - Analog Devices

  AD7660 Datasheet HTML 1Page - Analog Devices AD7660 Datasheet HTML 2Page - Analog Devices AD7660 Datasheet HTML 3Page - Analog Devices AD7660 Datasheet HTML 4Page - Analog Devices AD7660 Datasheet HTML 5Page - Analog Devices AD7660 Datasheet HTML 6Page - Analog Devices AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
a
AD7663
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. B
16-Bit, 250 kSPS CMOS ADC
FUNCTIONAL BLOCK DIAGRAM
DGND
DVDD
AVDD AGND REF REFGND
SWITCHED
CAP DAC
CNVST
OGND
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
IND(4R)
4R
OVDD
AD7663
INGND
PD
RESET
BYTESWAP
SER/
PAR
D[15:0]
BUSY
CS
RD
OB/
2C
SERIAL
PORT
PARALLEL
INTERFACE
INA(R)
R
INC(4R)
4R
INB(2R)
2R
FEATURES
Throughput: 250 kSPS
INL:
3 LSB Max ( 0.0046% of Full Scale)
16-Bit Resolution with No Missing Codes
S/(N+D): 90 dB Typ @ 100 kHz
THD: –100 dB Typ @ 100 kHz
Analog Input Voltage Ranges
Bipolar:
10 V,
5 V,
2.5 V
Unipolar: 0 V to 10 V, 0 V to 5 V, 0 V to 2.5 V
Both AC and DC Specifications
No Pipeline Delay
Parallel (8/16 Bits) and Serial 5 V/3 V Interface
SPI®/QSPI™/MICROWIRE™/DSP Compatible
Single 5 V Supply Operation
Power Dissipation
35 mW Typical
15
W @ 100 SPS
Power-Down Mode: 7
W Max
Package: 48-Lead Quad Flatpack (LQFP)
Package: 48-Lead Chip Scale (LFCSP)
Pin-to-Pin Compatible with the AD7660/AD7664/AD7665
APPLICATIONS
Data Acquisition
Motor Control
Communication
Instrumentation
Spectrum Analysis
Medical Instruments
Process Control
GENERAL DESCRIPTION
The AD7663 is a 16-bit, 250 kSPS, charge redistribution SAR,
analog-to-digital converter that operates from a single 5 V power
supply. It contains a high speed 16-bit sampling ADC, a resistor
input scaler that allows various input ranges, an internal conver-
sion clock, error correction circuits, and both serial and parallel
system interface ports.
The AD7663 is hardware factory-calibrated and is comprehen-
sively tested to ensure such ac parameters as signal-to-noise ratio
(SNR) and total harmonic distortion (THD), in addition to the
more traditional dc parameters of gain, offset, and linearity.
It is fabricated using Analog Devices’ high performance, 0.6 micron
CMOS process and is available in a 48-lead LQFP and a tiny
48-lead LFCSP with operation specified from –40°C to +85°C.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD7663 is a 250 kSPS charge redistribution, 16-bit
SAR ADC with various bipolar and unipolar input ranges.
2. Single-Supply Operation
The AD7663 operates from a single 5 V supply and dissipates
only 35 mW typical. Its power dissipation decreases with
the throughput to, for instance, only 15 µW at a 100 SPS
throughput.
It consumes 7 µW maximum when in power-down.
3. Superior INL
The AD7663 has a maximum integral nonlinearity of 3 LSB
with no missing 16-bit code.
4. Serial or Parallel Interface
Versatile parallel (8 bits or 16 bits) or 2-wire serial interface
arrangement compatible with both 3 V or 5 V logic.
PulSAR Selection
Type/kSPS
100–250
500–570
800–1000
Pseudo
AD7660
AD7650
Differential
AD7664
True Bipolar
AD7663
AD7665
AD7671
True Differential
AD7675
AD7676
AD7677
18-Bit
AD7678
AD7679
AD7674
Simultaneous/
AD7654
AD7655
Multichannel


Similar Part No. - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7660 AD-AD7660 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7660 AD-AD7660 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
More results

Similar Description - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
16-Bit, 250 kSPS CMOS ADC
REV. B
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
386Kb / 24P
16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
16-Bit, 250 kSPS CMOS ADC
REV. B
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com