Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7660
Description  16-Bit, 250 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7660 Datasheet HTML 15Page - Analog Devices AD7660 Datasheet HTML 16Page - Analog Devices AD7660 Datasheet HTML 17Page - Analog Devices AD7660 Datasheet HTML 18Page - Analog Devices AD7660 Datasheet HTML 19Page - Analog Devices AD7660 Datasheet HTML 20Page - Analog Devices AD7660 Datasheet HTML 21Page - Analog Devices AD7660 Datasheet HTML 22Page - Analog Devices AD7660 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. B
AD7663
–19–
CS
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
BUSY
SDIN
INVSCLK = 0
t35
t36 t37
t31
t32
t16
t33
t34
X15
X14
X
12
3
14
15
16
17
18
EXT/
INT = 1
RD = 0
Figure 19. Slave Serial Data Timing for Reading (Read after Convert)
SLAVE SERIAL INTERFACE
External Clock
The AD7663 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/
INT pin is
held HIGH. In this mode, several methods can be used to read
the data. The external serial clock is gated by
CS and the data
are output when both
CS and RD are LOW. Thus, depending
on
CS, the data can be read after each conversion or during the
following conversion. The external clock can be either a continu-
ous or discontinuous clock. A discontinuous clock can be either
normally high or normally low when inactive. Figures 19 and 21
show the detailed timing diagrams of these methods.
While the AD7663 is performing a bit decision, it is important
that voltage transients not occur on digital input/output pins or
degradation of the conversion result could occur. This is par-
ticularly important during the second half of the conversion
phase because the AD7663 provides error correction circuitry
that can correct for an improper bit decision made during the first
half of the conversion phase. For this reason, it is recommended
that when an external clock is being provided, it is a discontinuous
clock that is toggling only when BUSY is LOW or, more
importantly, that does not transition during the latter half of
BUSY HIGH.
External Discontinuous Clock Data Read after Conversion
This mode is the most recommended of the serial slave modes.
Figure 19 shows the detailed timing diagrams of this method.
After a conversion is complete, indicated by BUSY returning
LOW, the result of this conversion can be read while both
CS and
RD are LOW. The data is shifted out, MSB first, with 16 clock
pulses and is valid on both the rising and falling edge of the clock.
Among the advantages of this method, the conversion performance
is not degraded because there are no voltage transients on the
digital interface during the conversion process.
Another advantage is to be able to read the data at any speed up
to 40 MHz, which accommodates both slow digital host interface
and the fastest serial reading.
Finally, in this mode only, the AD7663 provides a “daisy-chain”
feature using the RDC/SDIN input pin for cascading multiple
converters together. This feature is useful for reducing component
count and wiring connections when desired as, for instance, in
isolated multiconverter applications.
An example of the concatenation of two devices is shown in
Figure 20. Simultaneous sampling is possible by using a com-
mon
CNVST signal. It should be noted that the RDC/SDIN
input is latched on the opposite edge of SCLK of the one used
to shift out the data on SDOUT. Therefore, the MSB of the
“upstream” converter just follows the LSB of the “downstream”
converter on the next SCLK cycle.
CNVST
CS
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA
OUT
AD7663
#1
(DOWNSTREAM)
BUSY
OUT
CNVST
CS
SCLK
AD7663
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CS IN
CNVST IN
Figure 20. Two AD7663s in a Daisy-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com