Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7982
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7686
Rev. B | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
16384
32768
49152
65535
POSITIVE INL = +0.52LSB
NEGATIVE INL = –0.38LSB
Figure 7. Integral Nonlinearity vs. Code
250000
200000
150000
100000
50000
0
CODE IN HEX
802B 802C 802D 802E
8026
8027
8028
8029 802A
00
26
00
202719
30770
27583
22
VDD = REF = 5V
Figure 8. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
120
0
20
40
60
80 100
200 220 240
140 160 180
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
8192 POINT FFT
VDD = REF = 5V
fS = 500kSPS
fIN = 19.99kHz
SNR = 92.8dB
THD = –108.7dB
SECOND HARMONIC = –110.1dB
THIRD HARMONIC = –119.2dB
Figure 9. FFT Plot
CODE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
16384
32768
49152
65535
POSITIVE DNL = +0.35LSB
NEGATIVE DNL = –0.36LSB
Figure 10. Differential Nonlinearity vs. Code
160000
140000
120000
100000
60000
80000
20000
40000
0
CODE IN HEX
802B
8024
8026
8025
8027
8028
8029
802A
0
0
1703
0
0
124164
133575
1678
VDD = REF = 5V
Figure 11. Histogram of a DC Input at the Code Transition
INPUT LEVEL (dB)
0
–10
–8–6–4–2
–120
–105
–108
–111
–114
–117
95
94
93
92
91
90
SNR
THD
Figure 12. SNR and THD vs. Input Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com