Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7982
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7686
Rev. B | Page 16 of 28
The AD7686 powers down automatically at the end of each
conversion phase and, therefore, the power scales linearly with
the sampling rate, as shown in Figure 31. This makes the part
ideal for low sampling rates (even a few Hz) and low battery-
powered applications.
SAMPLING RATE (SPS)
1000
100
10000
10
1
0.1
0.01
0.001
10
100
1000
10000
100000
1000000
VIO
VDD = 5V
Figure 31. Operating Currents vs. Sampling Rate
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7686, with its low operating
current, can be supplied directly using the reference circuit
shown in Figure 32. The reference line can be driven by either:
•
The system power supply directly.
•
A reference voltage with enough current output capability,
such as the ADR43x.
•
A reference buffer, such as the AD8031, which can also
filter the system power supply, as shown in Figure 32.
AD8031
AD7686
VIO
REF
VDD
10µF
1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
Figure 32. Example of Application Circuit
DIGITAL INTERFACE
Though the AD7686 has a reduced number of pins, it offers
flexibility in its serial interface modes.
The AD7686, when in CS mode, is compatible with SPI, QSPI,
digital hosts, and DSPs, such as Blackfin® ADSP-BF53x or
ADSP-219x. This interface can use either 3-wire or 4-wire. A
3-wire interface using the CNV, SCK, and SDO signals
minimizes wiring connections useful, for instance, in isolated
applications. A 4-wire interface using the SDI, CNV, SCK, and
SDO signals allows CNV, which initiates the conversions, to be
independent of the readback timing (SDI). This is useful in low
jitter sampling or simultaneous sampling applications.
The AD7686, when in chain mode, provides a daisy-chain
feature using the SDI input for cascading multiple ADCs on a
single data line similar to a shift register.
The mode in which the part operates depends on the SDI level
when the CNV rising edge occurs. The CS mode is selected if
SDI is high, and the chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, the chain mode is always selected.
In either mode, the AD7686 offers the flexibility to optionally
force a start bit in front of the data bits. This start bit can be
used as a busy signal indicator to interrupt the digital host and
trigger the data reading. Otherwise, without a busy indicator,
the user must timeout the maximum conversion time prior to
readback.
The busy indicator feature is enabled as follows:
• In CS mode, if CNV or SDI is low when the ADC conversion
ends (see Figure 36 and Figure 40).
• In chain mode, if SCK is high during the CNV rising edge
(see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com