Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion,High Speed Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8008ARM Datasheet HTML 2Page - Analog Devices AD8008ARM Datasheet HTML 3Page - Analog Devices AD8008ARM Datasheet HTML 4Page - Analog Devices AD8008ARM Datasheet HTML 5Page - Analog Devices AD8008ARM Datasheet HTML 6Page - Analog Devices AD8008ARM Datasheet HTML 7Page - Analog Devices AD8008ARM Datasheet HTML 8Page - Analog Devices AD8008ARM Datasheet HTML 9Page - Analog Devices AD8008ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD8007/AD8008
Rev. E | Page 5 of
20
AD8007/AD8008
Unit
Parameter
Conditions
Min
Typ
Max
OUTPUT CHARACTERISTICS
Output Saturation Voltage
VCC − VOH, VOL − VEE, RL = 1 kΩ
1.05
1.15
V
Short-Circuit Current, Source
70
mA
Short-Circuit Current, Sink
50
mA
Capacitive Load Drive
30% overshoot
8
pF
POWER SUPPLY
Operating Range
5
12
V
Quiescent Current per Amplifier
8.1
9
mA
Power Supply Rejection Ratio
+PSRR
59
62
dB
−PSRR
59
63
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com