Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion,High Speed Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8008ARM Datasheet HTML 10Page - Analog Devices AD8008ARM Datasheet HTML 11Page - Analog Devices AD8008ARM Datasheet HTML 12Page - Analog Devices AD8008ARM Datasheet HTML 13Page - Analog Devices AD8008ARM Datasheet HTML 14Page - Analog Devices AD8008ARM Datasheet HTML 15Page - Analog Devices AD8008ARM Datasheet HTML 16Page - Analog Devices AD8008ARM Datasheet HTML 17Page - Analog Devices AD8008ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD8007/AD8008
Rev. E | Page 13 of
20
50mV/DIV
010
20
30
40
50
TIME (ns)
G = +1
RL = 150Ω,VS = +5V AND ±5V
RL = 150Ω,VS = +5V AND ±5V
Figure 42. Small Signal Transient Response for
RL = 150 Ω, RL = 1 kΩ and VS = +5 V, VS = ±5 V
1V/DIV
G = +1
0
1020
30
405
TIME (ns)
RL = 150Ω
RL = 1kΩ
0
Figure 43. Large Signal Transient Response for RL = 150 Ω, RL = 1 kΩ
G = +2
1V/DIV
0
50
40
30
20
10
TIME (ns)
CLOAD = 0pF
CLOAD = 10pF
CLOAD = 20pF
Figure 44. Large Signal Transient Response for
CLOAD = 0 pF, CLOAD = 10 pF, and CLOAD = 20 pF
G = +2
50mV/DIV
010
20
30
40
5
TIME (ns)
0
RL = 150Ω,VS = +5V AND ±5V
RL = 1kΩ,VS = +5V AND ±5V
Figure 45. Small Signal Transient Response for
RL = 150 Ω, RL = 1 kΩ and VS = +5 V, VS = ±5 V
G = –1
1V/DIV
010
20
30
40
5
TIME (ns)
0
INPUT
OUTPUT
Figure 46. Large Signal Transient Response, G = −1, RL = 150 Ω
50mV/DIV
499Ω
499Ω
200Ω
49.9Ω
RSNUB
CLOAD
+
–
G = +2
010
20
30
40
5
TIME (ns)
CL = 0pF
CL = 20pF
CL = 20pF
RSNUB = 10Ω
0
Figure 47. Small Signal Transient Response, Effect of Series Snub Resistor
when Driving Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com