Electronic Components Datasheet Search
  English  ▼

X  

AD8036-EB Datasheet(PDF) 4 Page - Analog Devices

Part # AD8036-EB
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036-EB Datasheet(HTML) 4 Page - Analog Devices

  AD8036-EB Datasheet HTML 1Page - Analog Devices AD8036-EB Datasheet HTML 2Page - Analog Devices AD8036-EB Datasheet HTML 3Page - Analog Devices AD8036-EB Datasheet HTML 4Page - Analog Devices AD8036-EB Datasheet HTML 5Page - Analog Devices AD8036-EB Datasheet HTML 6Page - Analog Devices AD8036-EB Datasheet HTML 7Page - Analog Devices AD8036-EB Datasheet HTML 8Page - Analog Devices AD8036-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8036/AD8037
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
× Bandwidth Product . . . . . . . . . . . 350 V-MHz
|VH–VIN| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 6.3 V
|VL–VIN| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ 6.3 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (SO) . . . . . . . . . . . . . . . . . . 0.9 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP:
θ
JA = 90
°C/W
8-Lead SOIC:
θ
JA = 155
°C/W
8-Lead Cerdip:
θJA = 110°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these
devices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change
in the stresses exerted on the die by the package. Exceeding
a junction temperature of 175
°C for an extended period can
result in device failure.
While the AD8036 and AD8037 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (150
°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to observe
the maximum power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
010
–10
–20
–30
20 30
40
50
60
70
90
AMBIENT TEMPERATURE – C
TJ = +150 C
8-LEAD PLASTIC DIP
PACKAGE
8-LEAD SOIC
PACKAGE
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
METALIZATION PHOTO
Dimensions shown in inches and (mm).
Connect Substrate to –VS.
AD8036
8036
AD8037
8037
+IN
–VS
OUT
–IN
+VS
VH
VL
+IN
–VS
OUT
–IN
+VS
VH
VL
45
3
2
87
2
8
7
6
6
3
45
0.050 (1.27)
0.046
(1.17)
0.050 (1.27)
0.046
(1.17)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8036AN
–40
°C to +85°C Plastic DIP
N-8
AD8036AR
–40
°C to +85°C SOIC
SO-8
AD8036AR-REEL
–40
°C to +85°C 13" Tape and Reel SO-8
AD8036AR-REEL7 –40
°C to +85°C 7" Tape and Reel
SO-8
AD8036ACHIPS
–40
°C to +85°CDie
AD8036-EB
Evaluation Board
5962-9559701MPA –55
°C to +125°C Cerdip
Q-8
AD8037AN
–40
°C to +85°C Plastic DIP
N-8
AD8037AR
–40
°C to +85°C SOIC
SO-8
AD8037AR-REEL
–40
°C to +85°C 13" Tape and Reel SO-8
AD8037AR-REEL7 –40
°C to +85°C 7" Tape and Reel
SO-8
AD8037ACHIPS
–40
°C to +85°CDie
AD8037-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8036/AD8037 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com