Electronic Components Datasheet Search
  English  ▼

X  

AD8036-EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD8036-EB
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036-EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8036-EB Datasheet HTML 8Page - Analog Devices AD8036-EB Datasheet HTML 9Page - Analog Devices AD8036-EB Datasheet HTML 10Page - Analog Devices AD8036-EB Datasheet HTML 11Page - Analog Devices AD8036-EB Datasheet HTML 12Page - Analog Devices AD8036-EB Datasheet HTML 13Page - Analog Devices AD8036-EB Datasheet HTML 14Page - Analog Devices AD8036-EB Datasheet HTML 15Page - Analog Devices AD8036-EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8036/AD8037
REV. B
–11–
0.1M
FREQUENCY – Hz
1.0M
100M
10M
300M
VS = 5V
G = +1
1k
100
10
1
0.1
0.01
TPC 43. AD8036 Output Resistance vs. Frequency
0.1M
FREQUENCY – Hz
1.0M
100M
10M
300M
VS = 5V
G = +2
1k
100
10
1
0.1
0.01
TPC 44. AD8037 Output Resistance vs. Frequency
JUNCTION TEMPERATURE – C
–VOUT
+VOUT
RL=150
RL= 50
–VOUT
+VOUT
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
–60
–40
–20
0
20
40
60
80
100
120
140
TPC 45. AD8036/AD8037 Output Swing vs. Temperature
1400
1300
1200
1100
1000
900
800
700
600
500
400
–60
–40
–20
0
20
40
60
80
100
120
140
–AOL
+AOL
–AOL
+AOL
AD8036
AD8037
JUNCTION TEMPERATURE – C
TPC 46. Open-Loop Gain vs. Temperature
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE – C
–PSRR
AD8037
AD8036
AD8037
AD8036
+PSRR
+PSRR
–PSRR
74
72
70
68
66
64
62
60
TPC 47. PSRR vs. Temperature
15
25
35
45
55
65
75
85
95
JUNCTION TEMPERATURE – C
VCM = 2V
96
95
94
93
92
91
90
89
88
TPC 48. AD8036/AD8037 CMRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com