Electronic Components Datasheet Search
  English  ▼

X  

ISO1176T Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176T
Description  Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1176T Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1176T Datasheet HTML 17Page - Texas Instruments ISO1176T Datasheet HTML 18Page - Texas Instruments ISO1176T Datasheet HTML 19Page - Texas Instruments ISO1176T Datasheet HTML 20Page - Texas Instruments ISO1176T Datasheet HTML 21Page - Texas Instruments ISO1176T Datasheet HTML 22Page - Texas Instruments ISO1176T Datasheet HTML 23Page - Texas Instruments ISO1176T Datasheet HTML 24Page - Texas Instruments ISO1176T Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ISO1176T
www.ti.com
SLLSE28F – OCTOBER 2010 – REVISED OCTOBER 2012
REVISION HISTORY
Changes from Revision initial (October 2010) to Revision A
Page
•
Updated transformer driver characteristics ........................................................................................................................... 6
•
Added Thermal Table data ................................................................................................................................................. 14
Changes from Revision A (December 2010) to Revision B
Page
•
Changed the Steady-state short-circuit output current - Test Conditions and values. ......................................................... 4
•
Changed the Oscillator frequency values ............................................................................................................................. 6
•
Changed the D1, D2 output rise time values ........................................................................................................................ 6
Changes from Revision B (December 2010) to Revision C
Page
•
Added a Typ value of 23ns to Prop delay time for VCC1 = 5V in the RS-485 DRIVER SWITCHING
CHARACTERISTIC table ...................................................................................................................................................... 5
•
Added a Typ value of 25ns to Prop delay time for VCC1 = 3.3V in the RS-485 DRIVER SWITCHING
CHARACTERISTIC table ...................................................................................................................................................... 5
•
Deleted ROFF from the TRANSFORMER DRIVER CHARACTERISTICS table ................................................................... 6
•
Changed
θJA = 212°C/W To: θJA = 76°C/W, Changed the IS Max value From: 128mA To: 347mA, and changed
paragraph two in the IEC SAFETY LIMITING VALUES section ........................................................................................ 14
•
Changed Figure 22 ............................................................................................................................................................. 15
Changes from Revision C (February 2011) to Revision D
Page
•
Added Figure 1 ..................................................................................................................................................................... 2
•
Moved the Pin Description closer to the Pin drawing ........................................................................................................... 2
Changes from Revision D (May 2011) to Revision E
Page
•
Deleted the MIN and MAX values for tr_D, tf_D and tBBM specifications in the Transformer Driver Characteristics table. ..... 6
•
Changed test conditions from 1.9 V to 2.4 V, and changed TYP value from 230 to 350 for fSt specification in the
Transformer Driver Characteristics table. ............................................................................................................................. 6
Changes from Revision E (August 2011) to Revision F
Page
•
Changed From "ISO1176T Reference Design SLLU471" To: "ISO1176T Reference Design SLUU471" ......................... 20
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :ISO1176T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com