Electronic Components Datasheet Search
  English  ▼

X  

ISO1176T Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176T
Description  Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1176T Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1176T Datasheet HTML 9Page - Texas Instruments ISO1176T Datasheet HTML 10Page - Texas Instruments ISO1176T Datasheet HTML 11Page - Texas Instruments ISO1176T Datasheet HTML 12Page - Texas Instruments ISO1176T Datasheet HTML 13Page - Texas Instruments ISO1176T Datasheet HTML 14Page - Texas Instruments ISO1176T Datasheet HTML 15Page - Texas Instruments ISO1176T Datasheet HTML 16Page - Texas Instruments ISO1176T Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ISO1176T
www.ti.com
SLLSE28F – OCTOBER 2010 – REVISED OCTOBER 2012
IEC INSULATION AND SAFETY RELATED SPECIFICATIONS FOR 16-DW PACKAGE
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)(1)
Shortest terminal to terminal distance through air
8.3
mm
Shortest terminal to terminal distance across the
L(I02)
Minimum external tracking (Creepage)(1)
8.1
mm
package surface
Tracking resistance (Comparative Tracking
CTI
DIN IEC 60112 / VDE 0303 Part 1
400
V
Index)
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
Input to output, VIO = 500 V, all pins on each side
RIO
Isolation resistance
of the barrier tied together creating a two-terminal
>1012
Ω
device
CIO
Barrier capacitance Input to output
VI = VCC/2 + 0.4 sin (2πft), f = 1MHz, VCC = 5 V
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (2πft), f = 1MHz
2
pF
VCC1 = 5.5V, VCC2 = 5.25V, TJ = 150°C, CL =
PD
Maximum device power dissipation
50pf, RL = 54Ω
719
mW
Input a 20MHz 50% duty cycle square wave
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to make sure that the mounting pads of the isolator
on the printed circuit board do not reduce this distance.
spacer
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications
IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150Vrms
I-IV
Installation classification
Rated mains voltage
≤ 300Vrms
I-III
Rated mains voltage
≤ 400Vrms
I-II
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
566
Vpeak
VPR
Input to output test voltage
Method b1, VPR = VIORM × 1.875,
1062
Vpeak
100% Production test with t = 1s,
Partial discharge < 5pC
Method a, After environmental tests subgroup 1,
906
VPR = VIORM × 1.6, t = 10s, Partial discharge < 5pC
After Input/Output Safety Test Subgroup 2/3,
680
VPR = VIORM x 1.2, t = 10s, Partial discharge < 5pC
VIOTM
Transient overvoltage
t = 60s (qualification),
4242
Vpeak
t = 1s (100% production)
VIOSM
Maximum surge voltage
Tested per IEC 60065 (Qualification Test)
4242
Vpeak
RS
Insulation resistance
VIO = 500V at TS = 150°C
> 109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :ISO1176T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com