Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments OPA314 Datasheet HTML 13Page - Texas Instruments OPA314 Datasheet HTML 14Page - Texas Instruments OPA314 Datasheet HTML 15Page - Texas Instruments OPA314 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
0.1
0.01
0.001
0.0001
0.01
0.1
1
10
Output Amplitude (
)
V
RMS
V = ±2.5 V
f = 1 kHz
BW = 80 kHz
G = +1 V/V
S
Load = 2 kW
Load = 10 kW
0.1
0.01
0.001
0.0001
0.01
0.1
1
10
Output Amplitude (
)
V
RMS
V = ±2.5 V
f = 1 kHz
BW = 80 kHz
G = 1 V/V
S
-
Load = 2 kW
Load = 10 kW
4
3
2
1
0
1
2
3
4
-
-
-
-
0
250
500
750
1000
Time (125 s/div)
m
V
V
IN
OUT
-
-
-
-
60
80
100
120
140
-
100
1k
10k
100k
1M
10M
Frequency (Hz)
V = 2.75 V
S
±
0
2
4
6
8
10
12
14
Time (2 s/div)
m
3
2.5
2
1.5
1
0.5
0
0.5
1
-
-
Input
Output
0
2
4
6
8
10
12
14
Time (2 s/div)
m
1
0.5
0
0.5
1
-
-
-
-
-
-
1.5
2
2.5
3
Input
Output
OPA314
OPA2314
OPA4314
SBOS563F – MAY 2011 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
POSITIVE OVERLOAD RECOVERY
NEGATIVE OVERLOAD RECOVERY
Figure 25.
Figure 26.
CHANNEL SEPARATION vs FREQUENCY
NO PHASE REVERSAL
OPA2314
Figure 27.
Figure 28.
THD+N vs OUTPUT AMPLITUDE
THD+N vs OUTPUT AMPLITUDE
(G = +1 V/V)
(G = –1 V/V)
Figure 29.
Figure 30.
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com