Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments OPA314 Datasheet HTML 13Page - Texas Instruments OPA314 Datasheet HTML 14Page - Texas Instruments OPA314 Datasheet HTML 15Page - Texas Instruments OPA314 Datasheet HTML 16Page - Texas Instruments OPA314 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
Frequency (Hz)
V = ±2.5 V
V
= 0.5 V
BW = 80 kHz
G = +1 V/V
S
OUT
RMS
Load = 2 kW
Load = 10 kW
0
10
20
30
40
50
60
70
80
90
100
110
120
10M
100M
1G
10G
Frequency (Hz)
PRF = −10 dBm
VS = ±2.5 V
VCM = 0 V
G001
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563F – MAY 2011 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
ELECTROMAGNETIC INTERFERENCE REJECTION RATIO
REFERRED TO NONINVERTING INPUT (EMIRR IN+) vs
THD+N vs FREQUENCY
FREQUENCY
Figure 31.
Figure 32.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com