Electronic Components Datasheet Search
  English  ▼

X  

PE4237 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE4237
Description  SPDT UltraCMOS RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4237 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE4237 Datasheet HTML 1Page - Peregrine Semiconductor PE4237 Datasheet HTML 2Page - Peregrine Semiconductor PE4237 Datasheet HTML 3Page - Peregrine Semiconductor PE4237 Datasheet HTML 4Page - Peregrine Semiconductor PE4237 Datasheet HTML 5Page - Peregrine Semiconductor PE4237 Datasheet HTML 6Page - Peregrine Semiconductor PE4237 Datasheet HTML 7Page - Peregrine Semiconductor PE4237 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Document No. 70-0071-06
│ www.psemi.com
©2003-2009 Peregrine Semiconductor Corp. All rights reserved.
RF1
CTRL
RFC
CMOS
Control
Driver
ESD
ESD
The PE4237 RF Switch is designed to cover a broad range of
applications from near DC to 4000 MHz. This reflective switch
integrates on-board CMOS control logic driven by a single-pin,
low voltage CMOS or TTL control input. Using a nominal +3-
volt power supply, a 1 dB compression point of +32 dBm can
be achieved. The PE4237 also exhibits outstanding isolation
of better than 43 dB at 1000 MHz and is
offered in a small 3x3 mm DFN package.
The PE4237 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
SPDT UltraCMOS™ RF Switch
DC - 4000 MHz
Product Description
Figure 1. Functional Diagram
PE4237
Features
Single 3.0-volt power supply
Low insertion loss: 0.35 dB at
1000 MHz, 0.45 dB at 2000 MHz
High isolation of 43 dB at 1000 MHz,
35 dB at 2000 MHz
Typical 1 dB compression point of
+32 dBm
Single-pin CMOS or TTL logic control
Available in a 6-lead DFN package
Notes: 1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to
High or High to Low in a 50
Ω test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 50 Ω)
Figure 2. Package Type
6-lead DFN
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operation Frequency1
DC
4000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.35
0.45
0.50
0.60
dB
dB
Isolation – RFC to RF1/RF2
1000 MHz
2000 MHz
41
33
43
35
dB
dB
Isolation – RF1 to RF2
1000 MHz
2000 MHz
33.5
26.5
35
28
dB
dB
Return Loss
1000 MHz
2000 MHz
19
10.5
24
14
dB
dB
‘ON’ Switching Time
50% CTRL to 0.1 dB final value, 2 GHz
200
ns
‘OFF’ Switching Time
50% CTRL to 25 dB isolation, 2 GHz
90
ns
Video Feedthrough2
15
mVpp
Input 1 dB Compression
2000 MHz
30
32
dBm
Input IP3
2000 MHz, 17 dBm
50
dBm


Similar Part No. - PE4237

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4237 PASTERNACK-PE4237 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4237-EK PEREGRINE-PE4237-EK Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
More results

Similar Description - PE4237

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com