Electronic Components Datasheet Search
  English  ▼

X  

PE4237 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE4237
Description  SPDT UltraCMOS RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4237 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE4237 Datasheet HTML 1Page - Peregrine Semiconductor PE4237 Datasheet HTML 2Page - Peregrine Semiconductor PE4237 Datasheet HTML 3Page - Peregrine Semiconductor PE4237 Datasheet HTML 4Page - Peregrine Semiconductor PE4237 Datasheet HTML 5Page - Peregrine Semiconductor PE4237 Datasheet HTML 6Page - Peregrine Semiconductor PE4237 Datasheet HTML 7Page - Peregrine Semiconductor PE4237 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4237
©2003-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0071-06
│ www.psemi.com
Page 3 of 8
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
-40 C
85 C
25 C
0
10
20
30
40
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40
8C
85
8C
25
8C
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
-40 C
85 C
25 C
Typical Performance Data @ -40 °C to 85 °C (Unless Otherwise Noted)
Figure 4. Insertion Loss - RFC to RF1
Figure 5. Input 1dB Compression Point
Figure 6. Insertion Loss - RFC to RF2
Figure 7. Isolation - RFC to RF1
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com