Electronic Components Datasheet Search
  English  ▼

X  

PE9313 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE9313
Description  1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9313 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE9313 Datasheet HTML 1Page - Peregrine Semiconductor PE9313 Datasheet HTML 2Page - Peregrine Semiconductor PE9313 Datasheet HTML 3Page - Peregrine Semiconductor PE9313 Datasheet HTML 4Page - Peregrine Semiconductor PE9313 Datasheet HTML 5Page - Peregrine Semiconductor PE9313 Datasheet HTML 6Page - Peregrine Semiconductor PE9313 Datasheet HTML 7Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE9313
Page 2 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0120-03
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Device Functional Considerations
The PE9313 divides an input signal, up to a
frequency of 1500 MHz, by a factor of eight
thereby producing an output frequency at an
eighth of the input frequency. To work properly at
higher frequency, the input and output signals
(pins 2 & 7) must be AC coupled via an external
capacitor, as shown in the test circuit in Figure 7.
The input may be DC coupled for low frequency
operation with care taken to remain within the
specified DC input range for the device.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 8 for a layout example.
Figure 3. Pin Configuration
PE9313
1
2
3
4
8
7
6
5
IN
GND
N/C
GND
OUT
VDD
NC
GND
Pin No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required
(eg 1000 pF & 100 pF).
2
IN
Input signal pin. Should be coupled with a
capacitor (eg 1000 pF).
3
NC
No connection. This pin should be left
open.
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin.
6
NC
No connection. This pin should be left
open.
7
OUT
Divided frequency output pin. This pin
should be coupled with a capacitor
(eg 1000 pF).
8
GND
Ground Pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
15
dBm
VIN
Voltage on input
-0.3
VDD
+0.3
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature range
-40
85
°C
VESD
ESD voltage (Human Body
Model, MIL-STD 883)
1000
V
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com