Electronic Components Datasheet Search
  English  ▼

X  

PE9313 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE9313
Description  1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9313 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE9313 Datasheet HTML 1Page - Peregrine Semiconductor PE9313 Datasheet HTML 2Page - Peregrine Semiconductor PE9313 Datasheet HTML 3Page - Peregrine Semiconductor PE9313 Datasheet HTML 4Page - Peregrine Semiconductor PE9313 Datasheet HTML 5Page - Peregrine Semiconductor PE9313 Datasheet HTML 6Page - Peregrine Semiconductor PE9313 Datasheet HTML 7Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
PE9313
Page 3 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0120-03
│ www.psemi.com
Typical Performance Data: VDD = 3.0 V
Figure 4. Input Sensitivity
Figure 5. Device Current
Figure 6. Output Power



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com