Electronic Components Datasheet Search
  English  ▼

X  

TLC4502ACD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACD
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC4502ACD Datasheet HTML 13Page - Texas Instruments TLC4502ACD Datasheet HTML 14Page - Texas Instruments TLC4502ACD Datasheet HTML 15Page - Texas Instruments TLC4502ACD Datasheet HTML 16Page - Texas Instruments TLC4502ACD Datasheet HTML 17Page - Texas Instruments TLC4502ACD Datasheet HTML 18Page - Texas Instruments TLC4502ACD Datasheet HTML 19Page - Texas Instruments TLC4502ACD Datasheet HTML 20Page - Texas Instruments TLC4502ACD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
50
30
20
0
10
100
1 k
70
90
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
100
10 k
100 k
80
60
40
10
VDD = 5 V
RS = 20 Ω
TA = 25°C
Figure 25
–400
–1200
0
1
2345
6
400
t – Time – s
INPUT NOISE VOLTAGE OVER
A 10-SECOND PERIOD
1200
78
9
10
VDD = 5 V
f = 0.1 Hz To 10 Hz
TA = 25°C
Figure 26
0.1
0.01
1
100
1 k
10 k
100 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 5 V
RL = 1 kΩ TIED 2.5 V
AV = 1
AV = 100
AV = 10
Figure 27
VDD = 5 V
F = 10 kHz
RL = 1 kΩ
CL = 100 pF
5
4.5
4
–40
–25
0
25
5.5
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
6
50
75
85
TA – Free-Air Temperature –°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com