Electronic Components Datasheet Search
  English  ▼

X  

TLC4502ACD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACD
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC4502ACD Datasheet HTML 9Page - Texas Instruments TLC4502ACD Datasheet HTML 10Page - Texas Instruments TLC4502ACD Datasheet HTML 11Page - Texas Instruments TLC4502ACD Datasheet HTML 12Page - Texas Instruments TLC4502ACD Datasheet HTML 13Page - Texas Instruments TLC4502ACD Datasheet HTML 14Page - Texas Instruments TLC4502ACD Datasheet HTML 15Page - Texas Instruments TLC4502ACD Datasheet HTML 16Page - Texas Instruments TLC4502ACD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
8
4
2
0
10
6
100
f – Frequency – Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
1 k
10 k
100 k
1 M
10 M
VDD = 5 V
Figure 11
IOS+
IOS–
61
59
57
55
–50
–25
0
25
65
67
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
69
50
75
100
63
TA – Free-Air Temperature – °C
Figure 12
1
0
–2
–3
–0.2 –0.15 –0.1 –0.05
2
0.15
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0.2
0
3
–1
0.05
0.1
VID – Differential Input Voltage – mV
VDD = 5 V
VIC = 2.5 V
RL = 1 kΩ
TA = 25°C
Figure 13
800
600
200
0
–55
–30
–52045
1000
1400
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
1600
70
95
120
1200
400
TA – Free-Air Temperature – °C
RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com