Electronic Components Datasheet Search
  English  ▼

X  

PE42721 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42721
Description  UltraCMOS SPDT RF Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42721 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42721 Datasheet HTML 1Page - Peregrine Semiconductor PE42721 Datasheet HTML 2Page - Peregrine Semiconductor PE42721 Datasheet HTML 3Page - Peregrine Semiconductor PE42721 Datasheet HTML 4Page - Peregrine Semiconductor PE42721 Datasheet HTML 5Page - Peregrine Semiconductor PE42721 Datasheet HTML 6Page - Peregrine Semiconductor PE42721 Datasheet HTML 7Page - Peregrine Semiconductor PE42721 Datasheet HTML 8Page - Peregrine Semiconductor PE42721 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Page 1 of 12
Document No. DOC-13814-2 │ www.psemi.com
©2013 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE42721
Features
 HaRP™ technology enhanced

High linearity

CTB of -99 dBc

CSO better than -105 dBc

Supports +1.8V control logic

Low insertion loss

0.40 dB @ 220 MHz

0.50 dB @ 870 MHz

0.65 dB @ 2200 MHz

High isolation

85 dB @ 220 MHz

68 dB @ 870 MHz

53 dB @ 2200 MHz

ESD performance

3kV HBM on RF pins to GND

2kV HBM on all other pins

1kV CDM on all pins
Figure 2. Package Type
12-lead 3x3 mm QFN
Figure 1. Functional Diagram
Product Description
The PE42721 is a HaRP™ technology-enhanced
absorptive 75Ω SPDT RF switch developed on the
UltraCMOS® process technology.
PE42721 is a highly linear device delivering high
isolation and very low insertion loss performance. It is
designed for broadband applications such as TV
tuner modules, CATV signal switching and
distribution, DTV, multi-tuner digital video recorders
(DVRs) and set-top boxes.
PE42721 supports +1.8V control logic and offers high
ESD protection. PE42721 is pin compatible to
PE42750. In addition, no blocking capacitors are
required if DC voltage is not present on the RF ports.
Peregrine’s HaRP™ technology enhancement is an
innovative feature of the UltraCMOS® process,
offering the performance of GaAs with the economy
and integration of conventional CMOS.
UltraCMOS® SPDT RF Switch
5–2200 MHz
DOC-35206


Similar Part No. - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
UltraCMOS
logo
Peregrine Semiconductor
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721_15 Datasheet
297Kb / 12P
SPDT RF Switch
More results

Similar Description - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
SPDT UltraCMOS RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com