Electronic Components Datasheet Search
  English  ▼

X  

PE42721 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE42721
Description  UltraCMOS SPDT RF Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42721 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE42721 Datasheet HTML 1Page - Peregrine Semiconductor PE42721 Datasheet HTML 2Page - Peregrine Semiconductor PE42721 Datasheet HTML 3Page - Peregrine Semiconductor PE42721 Datasheet HTML 4Page - Peregrine Semiconductor PE42721 Datasheet HTML 5Page - Peregrine Semiconductor PE42721 Datasheet HTML 6Page - Peregrine Semiconductor PE42721 Datasheet HTML 7Page - Peregrine Semiconductor PE42721 Datasheet HTML 8Page - Peregrine Semiconductor PE42721 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Specification
PE42721
Page 3 of 12
Document No. DOC-13814-2 │ www.psemi.com
©2013 Peregrine Semiconductor Corp. All rights reserved.
Table 4. Absolute Maximum Ratings
Notes: 1. 100% duty cycle, all bands, 75Ω
2. Human Body Model (MIL-STD-883 Method 3015)
3. Machine Model (JEDEC JESD22-A115)
4. Charged Device Model (JEDEC JESD22-C101)
Table 3. Operating Ranges
Note 1: 100% duty cycle, all bands, 75Ω
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
2.3
3.3
5.5
V
Supply current
IDD
110
200
µA
Digital input high
(CTRL1, CTRL2)
VIH
1.17
3.6
V
Digital input low
(CTRL1, CTRL2)
VIL
-0.3
0.6
V
RF input power
(RFC–RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN
18
22
dBm
dBm
Operating temperature
range
TOP
-40
+25
+85
°C
RF input power into
terminated ports (RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN,TERM
16
16
dBm
dBm
Digital input current
ICTRL
1
µA
Parameter/Condition
Symbol
Min
Max
Unit
Storage temperature range
TST
-65
+150
°C
ESD voltage HBM2
RF pins to GND
All other pins
VESD,HBM
3000
2000
V
V
ESD voltage MM3, all pins
VESD,MM
100
V
ESD Voltage CDM4, all pins
VESD,CDM
1000
V
RF input power into terminated
ports (RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN,TERM
16
16
dBm
dBm
Supply voltage
VDD
-0.3
5.5
V
RF input power
(RFC–RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN
18
22
dBm
dBm
Digital input voltage
VCTRL
-0.3
3.6
V
Figure 3. Pin Configuration (Top View)
Table 2. Pin Descriptions
Pin #
Pin Name
Description
1
GND
RF Ground
2
RF11
RF Port 1
3
GND
RF Ground
4
GND
RF Ground
5
RFC1
RF Common
6
GND
RF Ground
7
GND
RF Ground
8
RF21
RF Port 2
9
GND
RF Ground
10
CTRL2
Digital control logic input 2
11
CTRL1
Digital control logic input 1
12
VDD
Supply Voltage
Pad
GND
Exposed pad: Ground for proper operation
Note 1:
RF pins 2, 5, and 8 must be at 0V DC. The RF pins do not require DC
blocking capacitors for proper operation if the 0V DC requirement is
met
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted
to the limits in the Operating Ranges table.
Operation between operating range maximum and
absolute maximum for extended periods may
reduce reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com