Electronic Components Datasheet Search
  English  ▼

X  

NESM180AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NESM180AT
Description  SPECIFICATIONS FOR FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESM180AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NESM180AT Datasheet HTML 1Page - NICHIA CORPORATION NESM180AT Datasheet HTML 2Page - NICHIA CORPORATION NESM180AT Datasheet HTML 3Page - NICHIA CORPORATION NESM180AT Datasheet HTML 4Page - NICHIA CORPORATION NESM180AT Datasheet HTML 5Page - NICHIA CORPORATION NESM180AT Datasheet HTML 6Page - NICHIA CORPORATION NESM180AT Datasheet HTML 7Page - NICHIA CORPORATION NESM180AT Datasheet HTML 8Page - NICHIA CORPORATION NESM180AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-2589C <Cat.No.130619>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Absolute Maximum Rating
Item
Symbol
Blue
Green
Red
Unit
Forward Current
IF
20
25
30
mA
Pulse Forward Current
IFP
70
80
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
64.4
95.5
72
mW
Total Power Dissipation
PTOT
69
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
100
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The absolute maximum Power Dissipation per die.
* The absolute maximum Power Dissipation in total per package.
(2) Initial Electrical/Optical Characteristics
Typ
Item
Symbol
Condition
Blue
Green
Red
Unit
Forward Voltage
VF
B IF=10mA
G IF=20mA
R IF=20mA
2.9
3.5
2.1
V
Reverse Current
IR
B VR=5V
G VR=5V
R VR=5V
-
-
-
µA
Luminous Intensity
IV
B IF=10mA
G IF=20mA
R IF=20mA
45
440
280
mcd
x
0.133
0.189
0.700
Chromaticity Coordinate
y
-
B IF=10mA
G IF=20mA
R IF=20mA
0.075
0.718
0.299
-
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com