Electronic Components Datasheet Search
  English  ▼

X  

NESM180AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NESM180AT
Description  SPECIFICATIONS FOR FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESM180AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NESM180AT Datasheet HTML 1Page - NICHIA CORPORATION NESM180AT Datasheet HTML 2Page - NICHIA CORPORATION NESM180AT Datasheet HTML 3Page - NICHIA CORPORATION NESM180AT Datasheet HTML 4Page - NICHIA CORPORATION NESM180AT Datasheet HTML 5Page - NICHIA CORPORATION NESM180AT Datasheet HTML 6Page - NICHIA CORPORATION NESM180AT Datasheet HTML 7Page - NICHIA CORPORATION NESM180AT Datasheet HTML 8Page - NICHIA CORPORATION NESM180AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-2589C <Cat.No.130619>
2
RANKS
Blue
Green
Red
Item
Rank
Min
Max
Rank
Min
Max
Rank
Min
Max
Unit
Forward Voltage
-
2.54
3.22
-
3.05
3.82
-
1.80
2.40
V
Reverse Current
-
-
50
-
-
50
-
-
50
µA
BT
56
70
GT
460
580
RT
318
400
BS
44
56
GS
365
460
RS
252
318
Luminous Intensity
BR
35
44
GR
290
365
RR
200
252
mcd
Color Ranks
Blue
Rank W1
Rank W2
x
0.139
0.129
0.145
0.152
x
0.129
0.113
0.134
0.145
y
0.035
0.050
0.072
0.056
y
0.050
0.080
0.105
0.072
Green
Rank G1m
Rank G2m
x
0.166
0.136
0.176
0.201
x
0.201
0.176
0.220
0.237
y
0.676
0.739
0.750
0.686
y
0.686
0.750
0.745
0.684
Red
Rank R8a
x
0.6718
0.6562
0.6873
0.7049
y
0.2982
0.3144
0.3126
0.2948
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Intensity Ranks by Color Rank
Ranking by
Luminous Intensity
Ranking by
Color Coordinates
BR
BS
BT
GR
GS
GT
RR
RS
RT
W1
W2
G1m,G2m
R8a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com